Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U70F3035AY Datasheet (PDF) - Renesas Technology Corp

U70F3035AY Datasheet PDF - Renesas Technology Corp
Part # U70F3035AY
Download  U70F3035AY Download
File Size   610.53 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

U70F3035AY Datasheet (PDF)

Go To PDF Page Download Datasheet
U70F3035AY Datasheet PDF - Renesas Technology Corp

Part # U70F3035AY
Download  U70F3035AY Click to download

File Size   610.53 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

U70F3035AY Datasheet (HTML) - Renesas Technology Corp


U70F3035AY Product details

FEATURES
Number of instructions: 74
Minimum instruction execution time: 76.9 ns (@ internal 13 MHz operation)
General-purpose registers: 32 bits × 32 registers
Instruction set: Signed multiplication, saturation operations, 32-bit shift instructions, bit manipulation instructions,
load/store instructions
Memory space: 16 MB linear address space
Internal memory ROM: 128 KB (UPD703034A, 703034AY: mask ROM)
256 KB (UPD703035A, 703035AY: mask ROM)
256 KB (UPD70F3035A, 70F3035AY: flash memory)
RAM: 12 KB (UPD703034A, 703034AY)
16 KB (UPD703035A, 703035AY, 70F3035A, 70F3035AY)
Interrupt/exception: UPD703034A, 703035A, 70F3035A (external: 8, internal: 33 sources, exception: 1 source)
μPD703034AY, 703035AY, 70F3035AY (external: 8, internal: 34 sources, exception: 1 source)
I/O lines Total: 83
Timer/counters: 16-bit timer (2 channels: TM0, TM1)
8-bit timer (6 channels: TM2 to TM7)
Watch timer: 1 channel
Watchdog timer: 1 channel
IEBusTM controller: 1 channel




Similar Part No. - U70F3035AY

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
Network Interface
DS-20001 rev 09/22
logo
List of Unclassifed Man...
U7001BG ETC1-U7001BG Datasheet
179Kb / 11P
CT2 Front End IC
logo
ATMEL Corporation
U7004B ATMEL-U7004B Datasheet
237Kb / 12P
DECT SiGe Front End IC
U7004B-MFS ATMEL-U7004B-MFS Datasheet
237Kb / 12P
DECT SiGe Front End IC
U7004B-MFSG3 ATMEL-U7004B-MFSG3 Datasheet
237Kb / 12P
DECT SiGe Front End IC
More results


Similar Description - U70F3035AY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com