Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720100AS1-2C Datasheet (PDF) - Renesas Technology Corp

UPD720100AS1-2C Datasheet PDF - Renesas Technology Corp
Part # UPD720100AS1-2C
Download  UPD720100AS1-2C Download
File Size   446.01 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD720100AS1-2C Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD720100AS1-2C Datasheet PDF - Renesas Technology Corp

Part # UPD720100AS1-2C
Download  UPD720100AS1-2C Click to download

File Size   446.01 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD720100AS1-2C Datasheet (HTML) - Renesas Technology Corp


UPD720100AS1-2C Product details

FEATURES
• Compliant with Universal Serial Bus Specification Revision 2.0 (Data Rate 1.5/12/480 Mbps)
• Compliant with Open Host Controller Interface Specification for USB Rev 1.0a
• Compliant with Enhanced Host Controller Interface Specification for USB Rev 0.95
• PCI multi-function device consists of two OHCI host controller cores for full-/low-speed signaling and one EHCI host controller core for high-speed signaling.
• Root hub with five (max.) downstream facing ports which are shared by OHCI and EHCI host controller core
• All downstream facing ports can handle high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps)
transaction.
• Configurable number of downstream facing ports (2 to 5)
• 32-bit 33 MHz host interface compliant to PCI Specification release 2.2.
• Supports PCI Mobile Design Guide Revision 1.1.
• Supports PCI-Bus Power Management Interface Specification release 1.1.
• PCI Bus bus-master access
• System clock is generated by 30 MHz X’tal or 48 MHz clock input.
• Operational registers direct-mapped to PCI memory space
• Legacy support for all downstream facing ports. Legacy support features allow easy migration for motherboard implementation.
• 3.3 V power supply, PCI signal pins have 5 V tolerant circuit.




Similar Part No. - UPD720100AS1-2C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720100AS1-2C NEC-UPD720100AS1-2C Datasheet
304Kb / 32P
MOS INTEGRATED CIRCUIT
More results


Similar Description - UPD720100AS1-2C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com