Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R0-100SSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN2R0-100SSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN2R0-100SSF
Download  PSMN2R0-100SSF Download
File Size   335.54 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NextPower 100 V, 2.07 mOhm, 267 Amp, N-channel MOSFET in LFPAK88 package

PSMN2R0-100SSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN2R0-100SSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN2R0-100SSF
Download  PSMN2R0-100SSF Click to download

File Size   335.54 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NextPower 100 V, 2.07 mOhm, 267 Amp, N-channel MOSFET in LFPAK88 package

PSMN2R0-100SSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN2R0-100SSF Product details

1. General description
NextPower 100 V, standard level gate drive MOSFET. Qualified to 175 °C and recommended for
industrial and consumer applications.
2. Features and benefits
• Low Qrr for higher efficiency and lower spiking
• 267 Amps ID(max) continuous current rating
• Low QG × RDSon FOM for high efficiency switching applications
• Strong avalanche energy rating (Eas)
• Avalanche rated and 100% tested
• Ha-free and RoHS compliant LFPAK88 package
3. Applications
• Synchronous rectifier in AC-DC and DC-DC
• Primary side switch
• BLDC motor control
• Full-bridge and half-bridge applications
• Battery protection




Similar Part No. - PSMN2R0-100SSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN2R0-25MLD NEXPERIA-PSMN2R0-25MLD Datasheet
734Kb / 13P
N-channel 25 V, 2.1 m廓 logic level MOSFET in LFPAK33 using NextPowerS3 Technology
PSMN2R0-25YLD NEXPERIA-PSMN2R0-25YLD Datasheet
730Kb / 14P
N-channel 25 V, 2.09 m廓, 140 A logic level MOSFET in LFPAK56 using NextPowerS3 Technology
PSMN2R0-30BL NEXPERIA-PSMN2R0-30BL Datasheet
812Kb / 15P
N-channel 30 V 2.1 m廓 logic level MOSFET in D2PAK
logo
Inchange Semiconductor ...
PSMN2R0-30BL ISC-PSMN2R0-30BL Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
PSMN2R0-30BL PHILIPS-PSMN2R0-30BL_15 Datasheet
214Kb / 15P
N-channel 30 V 2.1 m logic level MOSFET in D2PAK
Rev. 1-20 March 2012
More results


Similar Description - PSMN2R0-100SSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN1R3-80SSF NEXPERIA-PSMN1R3-80SSF Datasheet
255Kb / 9P
NextPower 80 V, 1.3 mOhm, 325 Amp, N-channel MOSFET in LFPAK88 package
21 June 2023
PSMN1R8-80SSF NEXPERIA-PSMN1R8-80SSF Datasheet
329Kb / 13P
NextPower 80 V, 1.8 mOhm, 270 Amp, N-channel MOSFET in LFPAK88 package
16 December 2022
PSMN2R3-80SSF NEXPERIA-PSMN2R3-80SSF Datasheet
329Kb / 13P
NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
22 August 2022
PSMN2R6-100SSF NEXPERIA-PSMN2R6-100SSF Datasheet
330Kb / 13P
NextPower 100 V, 2.6 mΩ, 200 Amp, N-channel MOSFET in LFPAK88 package
17 August 2022
PSMN2R8-80SSF NEXPERIA-PSMN2R8-80SSF Datasheet
251Kb / 9P
NextPower 80 V, 2.8 mOhm, 190 Amp, N-channel MOSFET in LFPAK88 package
23 June 2022
PSMN5R5-100YSF NEXPERIA-PSMN5R5-100YSF Datasheet
324Kb / 14P
NextPower 100 V, 5.6 mOhm N-channel MOSFET in LFPAK56 package
11 October 2022
PSMN7R2-100YSF NEXPERIA-PSMN7R2-100YSF Datasheet
332Kb / 14P
NextPower 100 V, 6.9 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN9R8-100YSF NEXPERIA-PSMN9R8-100YSF Datasheet
330Kb / 14P
NextPower 100 V, 10.2 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN012-100YSF NEXPERIA-PSMN012-100YSF Datasheet
335Kb / 14P
NextPower 100 V, 11.8 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
PSMN015-100YSF NEXPERIA-PSMN015-100YSF Datasheet
332Kb / 14P
NextPower 100 V, 15.5 mOhm N-channel MOSFET in LFPAK56 package
20 June 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com