Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R6-100SSF Datasheet (PDF) - Nexperia B.V. All rights reserved

PSMN2R6-100SSF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PSMN2R6-100SSF
Download  PSMN2R6-100SSF Download
File Size   330.39 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NextPower 100 V, 2.6 mΩ, 200 Amp, N-channel MOSFET in LFPAK88 package

PSMN2R6-100SSF Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN2R6-100SSF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PSMN2R6-100SSF
Download  PSMN2R6-100SSF Click to download

File Size   330.39 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NextPower 100 V, 2.6 mΩ, 200 Amp, N-channel MOSFET in LFPAK88 package

PSMN2R6-100SSF Datasheet (HTML) - Nexperia B.V. All rights reserved


PSMN2R6-100SSF Product details

1. General description
NextPower 100 V, standard level gate drive MOSFET. Qualified to 175 °C and recommended for
industrial and consumer applications.
2. Features and benefits
• Low Qrr for higher efficiency and lower spiking
• 200 Amps ID(max) continuous current rating
• Low QG × RDSon FOM for high efficiency switching applications
• Strong avalanche energy rating (Eas)
• Avalanche rated and 100% tested
• Ha-free and RoHS compliant LFPAK88 package
3. Applications
• Synchronous rectifier in AC-DC and DC-DC
• Primary side switch in DC-DC
• BLDC motor control
• Full-bridge and half-bridge applications
• Battery protection




Similar Part No. - PSMN2R6-100SSF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
351Kb / 15P
N-channel 30 V 2.8m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
1Mb / 8P
NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN2R6-30YLC NEXPERIA-PSMN2R6-30YLC Datasheet
931Kb / 15P
N-channel 30 V 2.8mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
logo
NXP Semiconductors
PSMN2R6-30YLC NXP-PSMN2R6-30YLC Datasheet
1Mb / 8P
NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
More results


Similar Description - PSMN2R6-100SSF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK7S1R2-40H NEXPERIA-BUK7S1R2-40H Datasheet
331Kb / 13P
N-channel 40 V, 1.2 mΩ standard level MOSFET in LFPAK88
28 September 2022
BUK7S1R0-40H NEXPERIA-BUK7S1R0-40H Datasheet
329Kb / 13P
N-channel 40 V, 1.0 mΩ standard level MOSFET in LFPAK88
28 March 2022
BUK7S0R7-40H NEXPERIA-BUK7S0R7-40H Datasheet
317Kb / 13P
N-channel 40 V, 0.7 mΩ standard level MOSFET in LFPAK88
2 May 2019
BUK7S1R5-40H NEXPERIA-BUK7S1R5-40H Datasheet
325Kb / 13P
N-channel 40 V, 1.5 mΩ standard level MOSFET in LFPAK88
6 August 2020
PSMN1R3-80SSF NEXPERIA-PSMN1R3-80SSF Datasheet
255Kb / 9P
NextPower 80 V, 1.3 mOhm, 325 Amp, N-channel MOSFET in LFPAK88 package
21 June 2023
PSMN1R8-80SSF NEXPERIA-PSMN1R8-80SSF Datasheet
329Kb / 13P
NextPower 80 V, 1.8 mOhm, 270 Amp, N-channel MOSFET in LFPAK88 package
16 December 2022
PSMN2R0-100SSF NEXPERIA-PSMN2R0-100SSF Datasheet
335Kb / 13P
NextPower 100 V, 2.07 mOhm, 267 Amp, N-channel MOSFET in LFPAK88 package
16 December 2022
PSMN2R3-80SSF NEXPERIA-PSMN2R3-80SSF Datasheet
329Kb / 13P
NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
22 August 2022
PSMN2R8-80SSF NEXPERIA-PSMN2R8-80SSF Datasheet
251Kb / 9P
NextPower 80 V, 2.8 mOhm, 190 Amp, N-channel MOSFET in LFPAK88 package
23 June 2022
PSMN011-100YSF NEXPERIA-PSMN011-100YSF Datasheet
322Kb / 14P
NextPower 100V, 10.9 mΩ N-channel MOSFET in LFPAK56 package
18 March 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com