Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3663BM Datasheet (PDF) - Richtek Technology Corporation

RT3663BM Datasheet PDF - Richtek Technology Corporation
Part # RT3663BM
Download  RT3663BM Download
File Size   526.04 Kbytes
Page   43 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply

RT3663BM Datasheet (PDF)

Go To PDF Page Download Datasheet
RT3663BM Datasheet PDF - Richtek Technology Corporation

Part # RT3663BM
Download  RT3663BM Click to download

File Size   526.04 Kbytes
Page   43 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply

RT3663BM Datasheet (HTML) - Richtek Technology Corporation


RT3663BM Product details

General Description
The RT3663BM is a 3 + 2 phases PWM controller, and is
compliant with AMD SVI2 Voltage Regulator Specification
to support both CPU core (VDD) and Northbridge portion
of the CPU (VDDNB). The RT3663BM features CCRCOT
(Constant Current Ripple Constant On-Time) with G-NAVP
(Green-Native AVP), which is Richtek's proprietary
topology. The G-NAVP makes it an easy setting controller
to meet all AMD AVP (Adaptive Voltage Positioning) VDD/
VDDNB requirements. The droop is easily programmed
by setting the DC gain of the error amplifier. With proper
compensation, the load transient response can achieve
optimized AVP performance. The controller also uses the
interface to issue VOTF Complete and to send digitally
encoded voltage and current values for the VDD and
VDDNB domains. It can operate in single phase and diode
emulation mode and reach up to 90% efficiency in different
modes according to different loading conditions. The
RT3663BM provides special purpose offset capabilities
by pin setting. The RT3663BM also provides power good
indication, over-current indication (OCP_L) and dual OCP
mechanism for AMD SVI2 CPU core and NB. It also
features complete fault protection functions including overvoltage,
under-voltage and negative-voltage protections.

Applications
 AMD SVI2 Mobile CPU
 Laptop Computer
Features
 3/2/1-Phase (VDD) + 2/1/0-Phase (VDDNB) PWM
Controller
 3 Embedded MOSFET Drivers
 G-NAVPTM Topology
 Support Dynamic Load-Line and Zero Load-Line
 Diode Emulation Mode at Light Load Condition
 SVI2 Interface to Comply with AMD Power
Management Protocol
 Built-In ADC for VOUT and IOUT Reporting
 Immediate OV, UV and NV Protections and UVLO
 Programmable Dual OCP Mechanism
 0.5% DAC Accuracy
 Fast Transient Response
 Power Good Indicator
 Over-Current Indicator




Similar Part No. - RT3663BM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
RT3662EB RICHTEK-RT3662EB Datasheet
1Mb / 28P
Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
August 2019
RT3662EBGQW RICHTEK-RT3662EBGQW Datasheet
1Mb / 28P
Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
August 2019
More results


Similar Description - RT3663BM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
May 11, 2009
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
July 28, 2010
logo
Richtek Technology Corp...
RT8877C RICHTEK-RT8877C Datasheet
687Kb / 38P
Dual-Output PWM Controller for AMD SVI2 CPU Power Supply
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
RT3662EB RICHTEK-RT3662EB Datasheet
1Mb / 28P
Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
August 2019
RT8880C RICHTEK-RT8880C Datasheet
505Kb / 42P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
March 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com