Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8760 Datasheet (PDF) - Maxim Integrated Products

MAX8760 Datasheet PDF - Maxim Integrated Products
Part # MAX8760
Download  MAX8760 Download
File Size   845.7 Kbytes
Page   39 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies

MAX8760 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8760 Datasheet PDF - Maxim Integrated Products

Part # MAX8760
Download  MAX8760 Click to download

File Size   845.7 Kbytes
Page   39 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies

MAX8760 Datasheet (HTML) - Maxim Integrated Products


MAX8760 Product details

General Description
The MAX8760 is a dual-phase, Quick-PWM™, stepdown controller for 6-bit VID AMD Mobile Turion™ 64 CPU core supplies. Dual-phase operation reduces input ripple current requirements and output voltage ripple while easing component selection and layout difficulties. The Quick-PWM control scheme provides instantaneous response to fast-load current steps. The MAX8760 includes active voltage positioning with adjustable gain and offset, reducing power dissipation and bulk output capacitance requirements.

Features
♦ Dual-Phase, Quick-PWM Controller
♦ ±0.75% VOUT Accuracy Over Line, Load, and Temperature (1.3V)
♦ Active Voltage Positioning with Adjustable Gain and Offset
♦ 6-Bit On-Board DAC: 0.375V to 1.55V Output Adjust Range
♦ Selectable 100kHz/200kHz/300kHz/550kHz Switching Frequency
♦ 4V to 28V Battery Input Voltage Range
♦ Adjustable Slew-Rate Control
♦ Drives Large Synchronous Rectifier MOSFETs
♦ Undervoltage and Thermal-Fault Protection
♦ Power Sequencing and Timing
♦ Selectable Suspend Voltage
♦ Soft-Start and Soft-Shutdown
♦ Selectable Single- or Dual-Phase Pulse Skipping

Applications
6-Bit VID AMD Mobile Turion 64 CPU
Multiphase CPU Core Supply
Voltage-Positioned Step-Down Converters
Servers/Desktop Computers




Similar Part No. - MAX8760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX876 MAXIM-MAX876 Datasheet
298Kb / 8P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX876 MAXIM-MAX876 Datasheet
384Kb / 12P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX8761 MAXIM-MAX8761 Datasheet
618Kb / 25P
Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8761ETG+ MAXIM-MAX8761ETG+ Datasheet
618Kb / 25P
Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
More results


Similar Description - MAX8760

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
Two-Phase Core Controller for AMD Mobile Turion CPUs
October 16, 2006
logo
Maxim Integrated Produc...
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Maxim Integrated Produc...
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com