Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17410 Datasheet (PDF) - Maxim Integrated Products

MAX17410 Datasheet PDF - Maxim Integrated Products
Part # MAX17410
Download  MAX17410 Download
File Size   979.09 Kbytes
Page   45 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies

MAX17410 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17410 Datasheet PDF - Maxim Integrated Products

Part # MAX17410
Download  MAX17410 Click to download

File Size   979.09 Kbytes
Page   45 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies

MAX17410 Datasheet (HTML) - Maxim Integrated Products


MAX17410 Product details

General Description

The MAX17410 is a 2-/1-phase interleaved Quick PWM™ step-down VID power-supply controller for notebook IMVP6+ CPUs. True out-of-phase operation reduces input ripple current requirements and output voltage ripple while easing component selection and layout difficulties. The Quick-PWM control scheme provides instantaneous response to fast load current steps. Active voltage positioning reduces power dissipation and bulk output capacitance requirements and allows ideal positioning compensation for tantalum, polymer, or ceramic bulk output capacitors.



Features

♦ Dual-/Single-Phase Interleaved Quick-PWM Controller

♦ ±0.5% VOUT Accuracy Over Line, Load, and Temperature

♦ 7-Bit IMVP6+ DAC

♦ Dynamic Phase Selection Optimizes Active/Sleep Efficiency

♦ Transient Phase Overlap Reduces Output Capacitance

♦ Active Voltage Positioning with Adjustable Gain

♦ Accurate Lossless Current Balance

♦ Accurate Droop and Current Limit

♦ Remote Output and Ground Sense

♦ Adjustable Output Slew-Rate Control

♦ Power-Good Window Comparator

♦ Power Monitor

♦ Programmable Thermal-Fault Protection

♦ Phase Fault Output (PHASEGD)

♦ Drives Large Synchronous Rectifier FETs

♦ 4.5V to 26V Battery Input Range

♦ Output Overvoltage and Undervoltage Protection

♦ Soft-Startup and Soft-Shutdown

♦ Integrated Boost Switches

♦ Low-Profile 7mm x 7mm, 48-Pin TQFN Package



Applications

  IMVP6+ Core Supply

  Multiphase CPU Core Supply

  Voltage-Positioned, Step-Down Converters

  Notebook/Desktop Computers



 




Similar Part No. - MAX17410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17410 MAXIM-MAX17410 Datasheet
1Mb / 20P
Intel IMVP-6 Code-Set Compliant
Rev 0; 1/09
MAX17410EVKIT MAXIM-MAX17410EVKIT Datasheet
1Mb / 20P
Intel IMVP-6 Code-Set Compliant
Rev 0; 1/09
MAX17410EVKIT+ MAXIM-MAX17410EVKIT+ Datasheet
1Mb / 20P
Intel IMVP-6 Code-Set Compliant
Rev 0; 1/09
More results


Similar Description - MAX17410

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
logo
Maxim Integrated Produc...
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
logo
Maxim Integrated Produc...
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com