Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1519 Datasheet (PDF) - Maxim Integrated Products

MAX1519 Datasheet PDF - Maxim Integrated Products
Part # MAX1519
Download  MAX1519 Download
File Size   826.6 Kbytes
Page   43 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies

MAX1519 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1519 Datasheet PDF - Maxim Integrated Products

Part # MAX1519
Download  MAX1519 Click to download

File Size   826.6 Kbytes
Page   43 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies

MAX1519 Datasheet (HTML) - Maxim Integrated Products


MAX1519 Product details

General Description
The MAX1519/MAX1545 are dual-phase, Quick-PWM™, step-down controllers for desktop and mobile Pentium® 4 (P4) CPU core supplies. Dual-phase operation reduces input ripple current requirements and output voltage ripple while easing component selection and layout difficulties. The Quick-PWM control scheme provides instantaneous response to fast load-current steps. The MAX1519/MAX1545 include active voltage positioning with adjustable gain and offset, reducing power dissipation and bulk output capacitance requirements.

Features
♦ Dual-Phase, Quick-PWM Controllers
♦ ±0.75% VOUT Accuracy Over Line, Load, and
   Temperature (1.3V)
♦ Active Voltage Positioning with Adjustable Gain
   and Offset
♦ 5-Bit On-Board DAC
   Mobile: 0.60V to 1.75V Output Range
   Desktop: 1.10V to 1.85V Output Range
♦ Selectable 100kHz/200kHz/300kHz/550kHz
   Switching Frequency
♦ 4V to 28V Battery Input Voltage Range
♦ Adjustable Slew-Rate Control
♦ Drive Large Synchronous Rectifier MOSFETs
♦ Output Overvoltage Protection (MAX1545 Only)
♦ Undervoltage and Thermal-Fault Protection
♦ Power Sequencing and Timing
♦ Selectable Suspend Voltage (0.675V to 1.45V)
♦ Soft-Shutdown
♦ Selectable Single- or Dual-Phase Pulse Skipping

Applications
   Desktop and Mobile P4 Computers
   Multiphase CPU Core Supply
   Voltage-Positioned Step-Down Converters
   Servers/Desktop Computers
   Low-Voltage, Digitally Programmable Power Supplies




Similar Part No. - MAX1519

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX151 MAXIM-MAX151 Datasheet
424Kb / 12P
300kHz 10-Bit A/D Converter with Refrence and T/H
19-2897; Rev 0; 6/90
MAX1510 MAXIM-MAX1510 Datasheet
415Kb / 13P
Low-Voltage DDR Linear Regulator
Rev 0; 5/04
MAX1510 MAXIM-MAX1510 Datasheet
546Kb / 13P
Low-Voltage DDR Linear Regulator Thermal Fault Protection
Rev 5; 3/11
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX15101EVKIT MAXIM-MAX15101EVKIT Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
More results


Similar Description - MAX1519

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX1907A MAXIM-MAX1907A Datasheet
21Kb / 1P
Quick-PWM Master Controllers for Voltage-Positioned CPU Core Power Supplies (IMVP-IV)
Rev 0; 9/02
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
logo
Maxim Integrated Produc...
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com