Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1544 Datasheet (PDF) - Maxim Integrated Products

MAX1544 Datasheet PDF - Maxim Integrated Products
Part # MAX1544
Download  MAX1544 Download
File Size   904.78 Kbytes
Page   42 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies

MAX1544 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1544 Datasheet PDF - Maxim Integrated Products

Part # MAX1544
Download  MAX1544 Click to download

File Size   904.78 Kbytes
Page   42 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies

MAX1544 Datasheet (HTML) - Maxim Integrated Products


MAX1544 Product details

General Description
The MAX1544 is a dual-phase, Quick-PWM™, stepdown controller for AMD Hammer™ CPU core supplies. Dual-phase operation reduces input ripple current requirements and output voltage ripple while easing component selection and layout difficulties. The QuickPWM control scheme provides instantaneous response to fast load-current steps. The MAX1544 includes active voltage positioning with adjustable gain and offset, reducing power dissipation and bulk output capacitance requirements.

Features
♦ Dual-Phase, Quick-PWM Controller
♦ ±0.75% VOUT Accuracy Over Line, Load, and
   Temperature (1.3V)
♦ Active Voltage Positioning with Adjustable Gain
   and Offset
♦ 5-Bit On-Board DAC: 0.675V to 1.55V Output
   Adjust Range
♦ Selectable 100kHz/200kHz/300kHz/550kHz
   Switching Frequency
♦ 4V to 28V Battery Input Voltage Range
♦ Adjustable Slew-Rate Control
♦ Drives Large Synchronous Rectifier MOSFETs
♦ Selectable Output Overvoltage Protection
♦ Undervoltage and Thermal-Fault Protection
♦ Power Sequencing and Timing
♦ Selectable Suspend Voltage
♦ Soft-Shutdown
♦ Selectable Single- or Dual-Phase Pulse Skipping

Applications
   AMD Hammer Desktop or Notebook PCs
   Multiphase CPU Core Supply
   Voltage-Positioned Step-Down Converters
   Servers/Desktop Computers




Similar Part No. - MAX1544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results


Similar Description - MAX1544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1519 MAXIM-MAX1519 Datasheet
826Kb / 43P
Dual-Phase, Quick-PWM Controllers for Programmable CPU Core Power Supplies
Rev 1; 9/03
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Winbond
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
ACPI Controller For AMD Claw Hammer TM CPU
logo
Maxim Integrated Produc...
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
logo
Maxim Integrated Produc...
MAX8770 MAXIM-MAX8770 Datasheet
1,023Kb / 47P
MAX8770/MAX8771/MAX8772 Dual-Phase, Quick- PWM Controller for IMVP-6 CPU Core Power Supplies
19-3913; Rev 0; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com