Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1540 Datasheet (PDF) - Maxim Integrated Products

MAX1540 Datasheet PDF - Maxim Integrated Products
Part # MAX1540
Download  MAX1540 Download
File Size   834.68 Kbytes
Page   49 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator

MAX1540 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1540 Datasheet PDF - Maxim Integrated Products

Part # MAX1540
Download  MAX1540 Click to download

File Size   834.68 Kbytes
Page   49 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator

MAX1540 Datasheet (HTML) - Maxim Integrated Products


MAX1540 Product details

General Description
The MAX1540/MAX1541 dual pulse-width modulation (PWM) controllers provide the high efficiency, excellent transient response, and high DC-output accuracy necessary for stepping down high-voltage batteries to generate low-voltage chipset and RAM power supplies in notebook computers.

Features
♦ Inductor-Saturation Protection
♦ Accurate Differential Current-Sense Inputs
♦ Dual Ultra-High-Efficiency Quick-PWMs with 100ns Load-Step Response
♦ MAX1540
    1.8V/1.2V Fixed or 0.7V to 5.5V Adjustable Output (OUT1)
    2.5V/1.5V Fixed or 0.7V to 5.5V Adjustable Output (OUT2)
    Fixed 5V, 100mA Linear Regulator
♦ MAX1541
    External Reference Input (REFIN1)
    Dynamically Selectable Output Voltage—0.7V
    to 5.5V (OUT1)
    2.5V/1.8V Fixed or 0.7V to 5.5V Adjustable Output (OUT2)
    Optional Power-Good and Fault Blanking During Transitions
    Fixed 5V or Adjustable 100mA Linear Regulator
♦ 1% VOUT Accuracy over Line and Load
♦ 2V to 28V Battery Input Range
♦ 170kHz to 620kHz Selectable Switching Frequency
♦ Overvoltage/Undervoltage-Protection Option
♦ 1.7ms Digital Soft-Start
♦ Drives Large Synchronous-Rectifier FETs
♦ 2V ±0.7% Reference Output
♦ Separate Power-Good Window Comparators

Applications
    Notebook Computers
    Core/IO Supplies as Low as 0.7V
    0.7V to 5.5V Supply Rails
    CPU/Chipset/GPU with Dynamic Voltage Core Supplies (MAX1541)
    DDR Memory Termination (MAX1541)
    Active Termination Buses (MAX1541)




Similar Part No. - MAX1540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results


Similar Description - MAX1540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Advanced Analogic Techn...
AAT2505 ANALOGICTECH-AAT2505 Datasheet
843Kb / 26P
Dual Channel, Step-Down Converter/Linear Regulator
logo
Maxim Integrated Produc...
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
logo
Texas Instruments
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
Dual Channel, Step-Down Converter/Linear Regulator
logo
Maxim Integrated Produc...
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
Dual High-Current Step-Down DC-DC And Dual Linear Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com