Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8856 Datasheet (PDF) - Richtek Technology Corporation

RT8856 Datasheet PDF - Richtek Technology Corporation
Part # RT8856
Download  RT8856 Download
File Size   373.61 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply

RT8856 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8856 Datasheet PDF - Richtek Technology Corporation

Part # RT8856
Download  RT8856 Click to download

File Size   373.61 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply

RT8856 Datasheet (HTML) - Richtek Technology Corporation


RT8856 Product details

General Description
The RT8856 is a single/dual phase PWM controller with two integrated MOSFET drivers. Moreover, it is compliant with Intel IMVP6.5 Voltage Regulator Specification to fulfill its mobile CPU Vcore power supply requirements. The RT8856 adopts NAVPTM(Native AVP) which is Richteks proprietary topology derived from finite DC gain compensator peak current mode, making it an easy setting PWM controller that meets all Intel AVP (Active Voltage Positioning) mobile CPU requirements.

Features
● 1/2 Phase PWM Controller with 2 Integrated
   MOSFET Drivers
● IMVP6.5 Compatible Power Management States
   (DPSRLVR, PSI, Extended Deeper Sleep Mode)
● NAVP (Native AVP) Topology
● 7-bit DAC
● 0.8% DAC Accuracy
● Fixed VBOOT (1.1V)
● Differential Remote Voltage Sensing
● Programmable Output Transition Slew Rate Control
● Accurate Current and Thermal Balance
● System Thermal Compensation AVP
● Ringing Free Mode at Light Load Conditions
● Fast Transient Response
● Power Good
● Clock Enable Output
● Thermal Throttling
● Current Monitor Output
● Switching Frequency up to 1MHz Per Phase
● OVP, UVP, NVP, OCP, OTP, UVLO
● 40-Lead WQFN Package
● RoHS Compliant and Halogen Free

Applications
● IMVP6.5 Core Supply
● Multi-phase CPU Core Supply
● AVP Step-Down Converter
● Notebook/ Desktop Computer/ Servers




Similar Part No. - RT8856

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
RT8857 RICHTEK-RT8857 Datasheet
412Kb / 26P
4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859MGQW RICHTEK-RT8859MGQW Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
More results


Similar Description - RT8856

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9247 RICHTEK-RT9247 Datasheet
330Kb / 15P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com