Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8857 Datasheet (PDF) - Richtek Technology Corporation

RT8857 Datasheet PDF - Richtek Technology Corporation
Part # RT8857
Download  RT8857 Download
File Size   412.09 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply

RT8857 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8857 Datasheet PDF - Richtek Technology Corporation

Part # RT8857
Download  RT8857 Click to download

File Size   412.09 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply

RT8857 Datasheet (HTML) - Richtek Technology Corporation


RT8857 Product details

General Description
The RT8857/A is a 4/3/2/1-phase synchronous buck controller with 2 integrated MOSFET drivers for Intel VR11.1/VR10.x and AMD K8/K8_M2 CPUs power application. RT8857/A uses differential inductor DCR current sense to achieve phase current balance and active voltage positioning. Other features include adjustable operating frequency, adjustable soft start, power good indication, external error-amp compensation, over voltage protection, over current protection, VRHOT sensing and IMON for various applications. RT8857/A comes to a small footprint with WQFN-48L 7x7 package

Features
● 12V Power Supply Voltage
● 4/3/2/1-Phase Power Conversion
● 2 Embedded MOSFET Drivers
● Internal Regulated 5V Output
● VID table for INTEL VR11.1/VR10.x and AMD K8/K8_M2 CPUs
● Continuous Differential Inductor DCR Current Sense
● Adjustable Soft Start
● Adjustable Frequency
● Power Good Indication
● Adjustable Over Current Protection
● Over Voltage Protection
● VRHOT Sensing with External Thermistor
● IMON Output Current Indication
● Power State Indicator (PSI)
● Support MOSFET Power Stage Input Voltage (VIN) Down to 5V (RT8857A Only)
● Small 48-Lead WQFN Package
● RoHS Compliant and Halogen Free

Applications
● Desktop CPU Core Power
● Low Voltage, High Current DC/ DC Converter




Similar Part No. - RT8857

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859MGQW RICHTEK-RT8859MGQW Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
More results


Similar Description - RT8857

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8869A RICHTEK-RT8869A Datasheet
423Kb / 19P
Advanced 2/1-Phase PWM Controller for CPU Core Power
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8867A RICHTEK-RT8867A Datasheet
425Kb / 21P
Advanced 4/3-Phase PWM Controller for CPU Core Power
RT8862 RICHTEK-RT8862 Datasheet
479Kb / 29P
Advanced 4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com