Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9248 Datasheet (PDF) - Richtek Technology Corporation

RT9248 Datasheet PDF - Richtek Technology Corporation
Part # RT9248
Download  RT9248 Download
File Size   325.59 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply

RT9248 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9248 Datasheet PDF - Richtek Technology Corporation

Part # RT9248
Download  RT9248 Click to download

File Size   325.59 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply

RT9248 Datasheet (HTML) - Richtek Technology Corporation


RT9248 Product details

General Description
The RT9248 is a multi-phase buck DC/DC controller integrated with all control functions for GHz CPU VRM The RT9248 controls 2 or 3 buck switching stages operating in interleaved phase set automatically. The multi-phase architecture provides high output current while maintaining low power dissipation on power devices and low stress on input and output capacitors. The high equivalent operating frequency also reduces the component dimension and the output voltage ripple in load transient.

Features
• Multi-Phase Power Conversion with Automatic Phase Selection
• VRM9 & VRD10 DAC Output with Active Droop Compensation for Fast Load Transient
• Smooth VCORE Transition at VID Jump
• Multi-Level VID125 Input for VRM9 & VRD10 Selection
• Power Stage Thermal Balance by RDS(ON) Current Sense
• Hiccup Mode Over-Current Protection
• Programmable Switching Frequency (50kHz to 400kHz per Phase), Under-Voltage Lockout and Soft-Start
• High Ripple Frequency Times Channel Number
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Intel® Processors Voltage Regulator: VRM9 and VRD10
• Low Output Voltage, High Current DC-DC Converters
• Voltage Regulator Modules




Similar Part No. - RT9248

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9248A RICHTEK-RT9248A Datasheet
320Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248AGC RICHTEK-RT9248AGC Datasheet
320Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248APC RICHTEK-RT9248APC Datasheet
320Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
More results


Similar Description - RT9248

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9247 RICHTEK-RT9247 Datasheet
330Kb / 15P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com