Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8855 Datasheet (PDF) - Richtek Technology Corporation

RT8855 Datasheet PDF - Richtek Technology Corporation
Part # RT8855
Download  RT8855 Download
File Size   334.78 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs

RT8855 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8855 Datasheet PDF - Richtek Technology Corporation

Part # RT8855
Download  RT8855 Click to download

File Size   334.78 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs

RT8855 Datasheet (HTML) - Richtek Technology Corporation


RT8855 Product details

General Description

The RT8855 is a 4/3/2/1-phase synchronous buck controller with two integrated MOSFET drivers for CPU power application and a single-phase buck with integrated MOSFET driver for North-Bridge (NB) chipset.The RT8855 uses differential inductor DCR current sense to achieve phase current balance and active voltage positioning. Other features include adjustable operating frequency, power good indication, external error-amp compensation, over voltage protection, over current protection and enable/shutdown for various applications. The RT8855 comes to a small footprint with WQFN-48L 7x7 package.



Features

12V Power Supply Voltage

4/3/2/1-Phase Power Conversion for VCORE Power

3 Embedded MOSFET Drivers (2 for CPU and 1 for NB)

Internal Regulated 5V Output

Support AMD AM2 6-bit Parallel and AM2+ 7-bit Serial VID Tables

Continuous Differential Inductor DCR Current Sense

Adjustable Frequency (Typically at 300kHz)

Selectable 1 or 2 Phase in Power-Saving (PS) Mode

Phase-Interleaving for VCORE and NB Controller

Power Good Indication

Adjustable Over Current Protection

Over Voltage Protection

Small 48-Lead WQFN Package

RoHS Compliant and Halogen Free



Applications

Desktop CPU Core Power

Low Voltage, High Current DC/ DC Converter




Similar Part No. - RT8855

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8857 RICHTEK-RT8857 Datasheet
412Kb / 26P
4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859MGQW RICHTEK-RT8859MGQW Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
More results


Similar Description - RT8855

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733 LINER-LTC3733 Datasheet
333Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
LTC3719 LINER-LTC3719 Datasheet
451Kb / 32P
2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
logo
STMicroelectronics
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
15-Feb-2008
logo
Feature Integration Tec...
F72569 FINTEK-F72569 Datasheet
688Kb / 24P
ACPI Controller IC for AMD K8/AM2 Platform
F75125 FINTEK-F75125 Datasheet
1Mb / 34P
Serial VID, Parallel VID Translator for AMD AM2 and AM2
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
logo
Linear Technology
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
logo
Renesas Technology Corp
ISL95816 RENESAS-ISL95816 Datasheet
193Kb / 2P
4-Phase PWM Controller for VR12.5 CPUs
logo
RAYEX ELECTRONICS CO., ...
AM2 RAYEX-AM2 Datasheet
431Kb / 2P
AM2 SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com