Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8868A Datasheet (PDF) - Richtek Technology Corporation

RT8868A Datasheet PDF - Richtek Technology Corporation
Part # RT8868A
Download  RT8868A Download
File Size   478.09 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs

RT8868A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8868A Datasheet PDF - Richtek Technology Corporation

Part # RT8868A
Download  RT8868A Click to download

File Size   478.09 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs

RT8868A Datasheet (HTML) - Richtek Technology Corporation


RT8868A Product details

General Description

The RT8868A is a 4/3/2/1-phase synchronous buck controller with two integrated MOSFET drivers for CPU power application and a single-phase buck with integrated MOSFET driver for North-Bridge (NB) chipset. The RT8868A uses differential inductor DCR current sense to achieve phase current balance and active voltage positioning. Other features include adjustable operating frequency, power good indication, external error-amp compensation, over voltage protection, over current protection and enable/shutdown for various applications. The RT8868A comes in a small footprint with WQFN-48L 7x7 package.



Features

12V Power Supply Voltage

4/3/2/1-Phase Power Conversion for VCORE Power 3 Embedded MOSFET Drivers (2 for CPU and 1 for NB)

Internal Regulated 5V Output

Support AMD AM2 6-bit Parallel and AM2+ 7-bit Serial VID Tables

Support 3.4MHz High Speed I2C

Continuous Differential Inductor DCR Current Sense

Adjustable Frequency (Typically at 300kHz)

Selectable 1 or 2 Phase in Power-Saving (PS) Mode

Phase-Interleaving for VCOREController

Power Good Indication

Adjustable Over Current Protection

Over Voltage Protection

Small 48-Lead WQFN Package

RoHS Compliant and Halogen Free




Similar Part No. - RT8868A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8862 RICHTEK-RT8862 Datasheet
479Kb / 29P
Advanced 4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT8867A RICHTEK-RT8867A Datasheet
425Kb / 21P
Advanced 4/3-Phase PWM Controller for CPU Core Power
RT8869A RICHTEK-RT8869A Datasheet
423Kb / 19P
Advanced 2/1-Phase PWM Controller for CPU Core Power
More results


Similar Description - RT8868A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733 LINER-LTC3733 Datasheet
333Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
LTC3719 LINER-LTC3719 Datasheet
451Kb / 32P
2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
logo
STMicroelectronics
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
15-Feb-2008
logo
Feature Integration Tec...
F72569 FINTEK-F72569 Datasheet
688Kb / 24P
ACPI Controller IC for AMD K8/AM2 Platform
F75125 FINTEK-F75125 Datasheet
1Mb / 34P
Serial VID, Parallel VID Translator for AMD AM2 and AM2
logo
Richtek Technology Corp...
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
logo
Linear Technology
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
logo
Renesas Technology Corp
ISL95816 RENESAS-ISL95816 Datasheet
193Kb / 2P
4-Phase PWM Controller for VR12.5 CPUs
logo
RAYEX ELECTRONICS CO., ...
AM2 RAYEX-AM2 Datasheet
431Kb / 2P
AM2 SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com