Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8862 Datasheet (PDF) - Richtek Technology Corporation

RT8862 Datasheet PDF - Richtek Technology Corporation
Part # RT8862
Download  RT8862 Download
File Size   479.25 Kbytes
Page   29 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Advanced 4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply

RT8862 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8862 Datasheet PDF - Richtek Technology Corporation

Part # RT8862
Download  RT8862 Click to download

File Size   479.25 Kbytes
Page   29 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Advanced 4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply

RT8862 Datasheet (HTML) - Richtek Technology Corporation


RT8862 Product details

General Description

The RT8862 is an advanced 4/3/2/1-phase synchronous buck controller with 2 integrated MOSFET drivers for Intel VR11/VR10 and AMD K8/K8_M2 CPUs power application. RT8862 adopts state-of-the-art dynamic phase control capability. That achieves high efficiency over wide load range. It uses differential inductor DCR current sense to achieve phase current balance and active voltage

positioning. Other features include adjustable operating frequency, adjustable soft start, power good indication, external error-amp compensation, over voltage protection, over current protection and enable/shutdown for various application. RT8862 comes to a small footprint with

WQFN-48L 7x7 package.



Features

Support Dynamic Phase Control

12V Power Supply Voltage

4/3/2/1-Phase Power Conversion

2 Embedded MOSFET Drivers

Internal Regulated 5V Output

VID table for INTEL VR11.1/VR10.x and AMD K8/K8_M2 CPUs

Continuous Differential Inductor DCR Current Sense

Adjustable Soft Start

Adjustable Frequency (300kHz typ.)

Power Good Indication

Adjustable Over Current Protection

Over Voltage Protection

VRHOT Sensing with External Thermistor

IMON Output Current Indication

Power State Indicator (PSI)

Small 48-Lead WQFN Package

RoHS Compliant and Halogen Free



Applications

Desktop CPU Core Power

Low Voltage, High Current DC/ DC Converter




Similar Part No. - RT8862

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8867A RICHTEK-RT8867A Datasheet
425Kb / 21P
Advanced 4/3-Phase PWM Controller for CPU Core Power
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
RT8869A RICHTEK-RT8869A Datasheet
423Kb / 19P
Advanced 2/1-Phase PWM Controller for CPU Core Power
More results


Similar Description - RT8862

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8869A RICHTEK-RT8869A Datasheet
423Kb / 19P
Advanced 2/1-Phase PWM Controller for CPU Core Power
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8867A RICHTEK-RT8867A Datasheet
425Kb / 21P
Advanced 4/3-Phase PWM Controller for CPU Core Power
RT8857 RICHTEK-RT8857 Datasheet
412Kb / 26P
4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com