Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8167A Datasheet (PDF) - Richtek Technology Corporation

RT8167A Datasheet PDF - Richtek Technology Corporation
Part # RT8167A
Download  RT8167A Download
File Size   659.97 Kbytes
Page   40 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply

RT8167A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8167A Datasheet PDF - Richtek Technology Corporation

Part # RT8167A
Download  RT8167A Click to download

File Size   659.97 Kbytes
Page   40 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply

RT8167A Datasheet (HTML) - Richtek Technology Corporation


RT8167A Product details

General Description

The RT8167A is a dual single-phase synchronous Buck PWM controller with integrated gate drivers, compliant with Intel VR12/IMVP7 specification. A serial VID (SVID) interface is built-in in the RT8167A to communicate with Intel VR12/IMVP7 compliant CPU. The integrated differential remote output voltage sensing function and built-in high accuracy DAC achieve accurate output voltage regulation.



Features

• G-NAVPTM (Green Native Active Voltage Positioning) Topology

• Dual Output Controller with Two Built-in Gate Drivers

• Serial VID Interface

• 0.5% DAC Accuracy

• Differential Remote Output Voltage Sensing

• Built-in ADC for Platform Programming

• Diode Emulation Mode (DEM) at Light Load Condition

• Droop Enable/Disable

• Fast Transient Response

• VR12/IMVP7 Compatible Power Management States

• VR Ready Indicator

• Thermal Throttling Indicator

• Current Monitor Output

• Switching Frequency up to 1MHz per Phase

• Protection : OVP, UVP, NVP, OCP, UVLO

• Small 48-Lead WQFN Package

• RoHS Compliant and Halogen Free



Applications

• VR12 / IMVP7 Intel CPU Core Supply

• AVP Step-down Converter

• Notebook/ Netbook/ Desktop Computer CPU Core Supply



 




Similar Part No. - RT8167A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8167AGQW RICHTEK-RT8167AGQW Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
More results


Similar Description - RT8167A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
Single-Phase PWM Controller for CPU / GPU Core Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com