Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8167B Datasheet (PDF) - Richtek Technology Corporation

RT8167B Datasheet PDF - Richtek Technology Corporation
Part # RT8167B
Download  RT8167B Download
File Size   576.29 Kbytes
Page   38 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply

RT8167B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8167B Datasheet PDF - Richtek Technology Corporation

Part # RT8167B
Download  RT8167B Click to download

File Size   576.29 Kbytes
Page   38 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply

RT8167B Datasheet (HTML) - Richtek Technology Corporation


RT8167B Product details

General Description

The RT8167B is a dual single-phase PWM controller with integrated MOSFET drivers, compliant with Intel IMVP7 Pulse Width Modulation Specification to support both CPU core and GPU core power. This part adopts G-NAVPTM (Green-Native AVP), which is a Richtek proprietary topology derived from finite DC gain compensator in constant on time control mode. G-NAVPTM makes this part an easy setting PWM controller to meet all Intel AVP (Active Voltage Positioning) mobile CPU/GPU requirements. The RT8167B uses SVID interface to control an 8-bit DAC for output voltage programming. The built-in high accuracy DAC converts the received VID code into a voltage value ranging from 0V to 1.52V with 5mV step voltage.



Features

Dual Single-Phase PWM Controller for CPU Core and GPU Core Power

IMVP7 Compatible Power Management States

Serial VID Interface

G-NAVPTM Topology

AVP for CPU VR Only

0.5% DAC Accuracy

0.8% System Accuracy

Differential Remote Voltage Sensing

Built-in ADC for Platform Programming

   SETINI/SETINIA for CPU/GPU Core VR Initial Startup Voltage

   TMPMAX to Set Platform Maximum Temperature

   ICCMAX/ICCMAXA for CPU/GPU Core VR Maximum Current

Power Good Indicator : VR_READY/VRA_READY for CPU/GPU Core Power

Thermal Throttling Indicator : VRHOT

Diode Emulation Mode at Light Load Condition

Fast Line/Load Transient Response

Switching Frequency up to 1MHz per Phase

OVP, UVP, NVP, OTP, UVLO, OCP

Small 40-Lead WQFN Package

RoHS Compliant and Halogen Free



Applications

IMVP7 Intel CPU/GPU Core Power Supply

Laptop Computers

AVP Step-Down Converter




Similar Part No. - RT8167B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8167AGQW RICHTEK-RT8167AGQW Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
More results


Similar Description - RT8167B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
Single-Phase PWM Controller for CPU / GPU Core Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com