Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8167B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8167B Datasheet HTML 1Page - Richtek Technology Corporation RT8167B Datasheet HTML 2Page - Richtek Technology Corporation RT8167B Datasheet HTML 3Page - Richtek Technology Corporation RT8167B Datasheet HTML 4Page - Richtek Technology Corporation RT8167B Datasheet HTML 5Page - Richtek Technology Corporation RT8167B Datasheet HTML 6Page - Richtek Technology Corporation RT8167B Datasheet HTML 7Page - Richtek Technology Corporation RT8167B Datasheet HTML 8Page - Richtek Technology Corporation RT8167B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
RT8167B
1
DS8167B-00
October 2011
www.richtek.com
General Description
The RT8167B is a dual single-phase PWM controller with
integrated MOSFET drivers, compliant with Intel IMVP7
Pulse Width Modulation Specification to support both
CPU core and GPU core power. This part adopts G-NAVPTM
(Green-Native AVP), which is a Richtek proprietary topology
derived from finite DC gain compensator in constant on-
time control mode. G-NAVPTM makes this part an easy
setting PWM controller to meet all Intel AVP (Active
Voltage Positioning) mobile CPU/GPU requirements. The
RT8167B uses SVID interface to control an 8-bit DAC for
output voltage programming. The built-in high accuracy
DAC converts the received VID code into a voltage value
ranging from 0V to 1.52V with 5mV step voltage. The
system accuracy of the controller can reach 0.8%. The
RT8167B operates in continuous conduction mode or
diode emulation mode, according to the SVID command.
The maximum efficiency can reach up to 90% in different
operating modes according to different load conditions.
The droop function (load line) can be easily programmed
by setting the DC gain of the error amplifier. With proper
compensation, the load transient response can achieve
optimized AVP performance.
The output voltage transition slew rate is set via the SVID
interface. The RT8167B supports both DCR and sense
resistor current sensing. The RT8167B provides
VR_READY and thermal throttling output signals for
IMVP7 CPU and GPU core. This part also features
complete fault protection functions including over voltage,
under voltage, negative voltage, over current and thermal
shutdown.
The RT8167B is available in a WQFN-40L 5x5 small
footprint package.
Dual Single-Phase PWM Controller for CPU and GPU Core
Power Supply
Applications
IMVP7 Intel CPU/GPU Core Power Supply
Laptop Computers
AVP Step-Down Converter
Features
Dual Single-Phase PWM Controller for CPU Core
and GPU Core Power
IMVP7 Compatible Power Management States
Serial VID Interface
G-NAVPTM Topology
AVP for CPU VR Only
0.5% DAC Accuracy
0.8% System Accuracy
Differential Remote Voltage Sensing
Built-in ADC for Platform Programming
SETINI/SETINIA for CPU/GPU Core VR Initial
Startup Voltage
TMPMAX to Set Platform Maximum Temperature
ICCMAX/ICCMAXA for CPU/GPU Core VR
Maximum Current
Power Good Indicator : VR_READY/VRA_READY for
CPU/GPU Core Power
Thermal Throttling Indicator : VRHOT
Diode Emulation Mode at Light Load Condition
Fast Line/Load Transient Response
Switching Frequency up to 1MHz per Phase
OVP, UVP, NVP, OTP, UVLO, OCP
Small 40-Lead WQFN Package
RoHS Compliant and Halogen Free


Similar Part No. - RT8167B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8167AGQW RICHTEK-RT8167AGQW Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
More results

Similar Description - RT8167B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
Single-Phase PWM Controller for CPU / GPU Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com