Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8167B Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 17Page - Richtek Technology Corporation RT8167B Datasheet HTML 18Page - Richtek Technology Corporation RT8167B Datasheet HTML 19Page - Richtek Technology Corporation RT8167B Datasheet HTML 20Page - Richtek Technology Corporation RT8167B Datasheet HTML 21Page - Richtek Technology Corporation RT8167B Datasheet HTML 22Page - Richtek Technology Corporation RT8167B Datasheet HTML 23Page - Richtek Technology Corporation RT8167B Datasheet HTML 24Page - Richtek Technology Corporation RT8167B Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
RT8167B
21
DS8167B-00
October 2011
www.richtek.com
Time (10
μs/Div)
CORE VR Dynamic VID Up
0.7V to 1.2V, Slew Rate = Fast, ILOAD = 4A
VDIO
(2V/Div)
VCLK
(2V/Div)
VCORE
(500mV/Div)
ALERT
(2V/Div)
Time (10
μs/Div)
CORE VR Dynamic VID Down
1.2V to 0.7V, Slew Rate = Fast, ILOAD = 4A
VCORE
(500mV/Div)
ALERT
(2V/Div)
VDIO
(2V/Div)
VCLK
(2V/Div)
VID = 1.1V, ILOAD = 1A to 8A, Slew Time = 150ns
Time (100
μs/Div)
CORE VR Load Transient
VCORE
(20mV/Div)
8
1
ILOAD
(A/Div)
Time (100
μs/Div)
CORE VR Load Transient
VID = 1.1V, ILOAD = 8A to 1A, Slew Time = 150ns
VCORE
(20mV/Div)
8
1
ILOAD
(A/Div)
VID = 1.1V, PS0 to PS2, ILOAD = 0.2A
Time (100
μs/Div)
CORE VR Mode Transition
UGATE
(20V/Div)
VCLK
(1V/Div)
LGATE
(10V/Div)
VCORE
(20mV/Div)
Time (100
μs/Div)
CORE VR Mode Transition
VID = 1.1V, PS2 to PS0, ILOAD = 0.2A
UGATE
(20V/Div)
VCORE
(20mV/Div)
VCLK
(1V/Div)
LGATE
(10V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com