Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8707 Datasheet (PDF) - Maxim Integrated Products

MAX8707 Datasheet PDF - Maxim Integrated Products
Part # MAX8707
Download  MAX8707 Download
File Size   780.9 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies

MAX8707 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8707 Datasheet PDF - Maxim Integrated Products

Part # MAX8707
Download  MAX8707 Click to download

File Size   780.9 Kbytes
Page   37 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies

MAX8707 Datasheet (HTML) - Maxim Integrated Products


MAX8707 Product details

General Description
The MAX8707 is a multiphase (3-/4-phase), interleaved, fixed-frequency, step-down controller for AMD Hammer CPU core supplies. Interleaved multiphase operation reduces the input ripple current and output voltage ripple while easing component selection and layout placement. The MAX8707 includes active voltage positioning with adjustable gain and offset, reducing power dissipation and bulk output-capacitance requirements.

Features
♦ 3-/4-Phase Interleaved Fixed-Frequency Controller
♦ ±0.75% VOUT Accuracy Over Line, Load, and Temperature
♦ 5-Bit On-Board Digital-to-Analog Converter (DAC)—0.80V to 1.55V
♦ Adjustable Suspend Voltage Input
♦ Active Voltage Positioning with Adjustable Gain and Offset
♦ Accurate Lossless Current Balance
♦ Accurate Droop and Current Limit
♦ Remote Output and Ground Sense
♦ Output Slew-Rate Control
♦ Power-Good Window Comparator
♦ Selectable 200kHz/300kHz/600kHz Switching Frequency
♦ Output Overvoltage and Undervoltage Protection
♦ Thermal Fault Protection
♦ 2V ±0.7% Reference Output
♦ Soft-Startup and Shutdown




Similar Part No. - MAX8707

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX8702 MAXIM-MAX8702 Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8702ETP MAXIM-MAX8702ETP Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8703 MAXIM-MAX8703 Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8703ETP MAXIM-MAX8703ETP Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
More results


Similar Description - MAX8707

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1544 MAXIM-MAX1544 Datasheet
904Kb / 42P
Dual-Phase, Quick-PWM Controller for AMD Hammer CPU Core Power Supplies
19-2745; Rev 1; 9/03
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Winbond
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
ACPI Controller For AMD Claw Hammer TM CPU
logo
SpectraLinear Inc
CY28331 SPECTRALINEAR-CY28331 Datasheet
178Kb / 16P
Clock Generator for AMD??Hammer
logo
Cypress Semiconductor
CY28330 CYPRESS-CY28330 Datasheet
129Kb / 15P
Clock Generator for AMD??Hammer
CY28331 CYPRESS-CY28331 Datasheet
221Kb / 17P
Clock Generator for AMD??Hammer
logo
Maxim Integrated Produc...
MAX17410 MAXIM-MAX17410 Datasheet
979Kb / 45P
Dual-Phase, Quick-PWM Controller for IMVP6 CPU Core Power Supplies
Rev 0; 1/09
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
HIGH-FREQUENCY, MULTIPHASE CONTROLLER
logo
Renesas Technology Corp
ISL6557A RENESAS-ISL6557A Datasheet
937Kb / 18P
Multiphase PWM Controller for CORE Voltage Regulation
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com