Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX870 Datasheet (PDF) - Maxim Integrated Products

MAX870 Datasheet PDF - Maxim Integrated Products
Part # MAX870
Download  MAX870 Download
File Size   97.82 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switched-Capacitor Voltage Inverters

MAX870 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX870 Datasheet PDF - Maxim Integrated Products

Part # MAX870
Download  MAX870 Click to download

File Size   97.82 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switched-Capacitor Voltage Inverters

MAX870 Datasheet (HTML) - Maxim Integrated Products


MAX870 Product details

General Description
The ultra-small MAX870/MAX871 monolithic, CMOS charge-pump inverters accept input voltages ranging from +1.4V to +5.5V. The MAX870 operates at 125kHz, and the MAX871 operates at 500kHz. Their high efficiency (90%) and low operating current (0.7mA for the MAX870) make these devices ideal for both battery-powered and board-level voltage-conversion applications.

Features
♦ 5-Pin SOT23-5 Package
♦ 99% Voltage Conversion Efficiency
♦ Invert Input Supply Voltage
♦ 0.7mA Quiescent Current (MAX870)
♦ +1.4V to +5.5V Input Voltage Range
♦ Require Only Two Capacitors
♦ 25mA Output Current
♦ Shutdown Control

Applications
    Local -5V Supply from 5V Logic Supply
    Small LCD Panels
    Cell Phones
    Medical Instruments
    Handy-Terminals, PDAs
    Battery-Operated Equipment




Similar Part No. - MAX870

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8702 MAXIM-MAX8702 Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8702ETP MAXIM-MAX8702ETP Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8703 MAXIM-MAX8703 Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8703ETP MAXIM-MAX8703ETP Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8704 MAXIM-MAX8704 Datasheet
787Kb / 13P
High-Current, Low-Voltage Linear Regulator with Power-Limited, External MOSFET
Rev 0; 9/04
More results


Similar Description - MAX870

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1719 MAXIM-MAX1719 Datasheet
568Kb / 8P
SOT23, Switched-Capacitor Voltage Inverters with Shutdown
Rev 2; 4/04
MAX828 MAXIM-MAX828 Datasheet
85Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 2; 4/97
logo
Global Mixed-mode Techn...
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Linear Technology
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Unisonic Technologies
UC5301 UTC-UC5301_15 Datasheet
278Kb / 8P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828_V01 Datasheet
177Kb / 8P
Switched-Capacitor Voltage Inverters
1999
MAX870 MAXIM-MAX870_V01 Datasheet
409Kb / 8P
Switched-Capacitor Voltage Inverters
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com