Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8704 Datasheet (PDF) - Maxim Integrated Products

MAX8704 Datasheet PDF - Maxim Integrated Products
Part # MAX8704
Download  MAX8704 Download
File Size   787.28 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Current, Low-Voltage Linear Regulator with Power-Limited, External MOSFET

MAX8704 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8704 Datasheet PDF - Maxim Integrated Products

Part # MAX8704
Download  MAX8704 Click to download

File Size   787.28 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Current, Low-Voltage Linear Regulator with Power-Limited, External MOSFET

MAX8704 Datasheet (HTML) - Maxim Integrated Products


MAX8704 Product details

General Description
The MAX8704 high-current linear regulator uses an external n-channel MOSFET to generate low-voltage supplies for notebook computers. This linear regulator delivers an output voltage as low as 0.5V from an input voltage as low as 1.0V. Normally, this low input requirement would make the design of such a regulator very difficult. In this application, the 5V bias supply that is always available in the system powers the MAX8704 driver and control circuitry.

Features
♦ Low-Cost, High-Current Linear Regulator
♦ External MOSFET Protection
   MOSFET Power Limit
   50mV (typ) Current Limit
   Thermal Limit
♦ 1.0V to 5.5V Input Supply Voltage
♦ 1.2V or 1.5V Preset, or Adjustable Output Voltage
♦ Power-Good (PGOOD) Open-Drain Output with 3ms Startup Delay
♦ Programmable Soft-Start
♦ Shutdown with Output Discharge

Applications
VMCH and VCCP CPU Supplies
Notebook Computers
Desktop Computers
Servers
VID Power Supplies
Low-Voltage Bias Supplies




Similar Part No. - MAX8704

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX8702 MAXIM-MAX8702 Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8702ETP MAXIM-MAX8702ETP Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8703 MAXIM-MAX8703 Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
MAX8703ETP MAXIM-MAX8703ETP Datasheet
486Kb / 14P
Dual-Phase MOSFET Drivers with Temperature Sensor
Rev 0; 8/04
More results


Similar Description - MAX8704

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC78BC00 MOTOROLA-MC78BC00 Datasheet
98Kb / 8P
VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3018 ALLEGRO-SI3018 Datasheet
171Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
Allegro MicroSystems
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Union Semiconductor, In...
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
18V Input, 100mA Current Limited, Micropower Linear Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com