Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX828 Datasheet (PDF) - Maxim Integrated Products

MAX828 Datasheet PDF - Maxim Integrated Products
Part # MAX828
Download  MAX828 Download
File Size   85.97 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switched-Capacitor Voltage Inverters

MAX828 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX828 Datasheet PDF - Maxim Integrated Products

Part # MAX828
Download  MAX828 Click to download

File Size   85.97 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Switched-Capacitor Voltage Inverters

MAX828 Datasheet (HTML) - Maxim Integrated Products


MAX828 Product details

General Description
The ultra-small MAX828/MAX829 monolithic, CMOS charge-pump inverters accept input voltages ranging from +1.5V to +5.5V. The MAX828 operates at 12kHz, and the MAX829 operates at 35kHz. Their high efficiency (greater than 90% over most of the load-current range) and low operating current (60µA for the MAX828) make these devices ideal for both battery-powered and boardlevel voltage-conversion applications

Features
♦ 5-Pin SOT23-5 Package
♦ 95% Voltage Conversion Efficiency
♦ Inverts Input Supply Voltage
♦ 60µA Quiescent Current (MAX828)
♦ +1.5V to +5.5V Input Voltage Range
♦ Requires Only Two Capacitors
♦ 25mA Output Current

Applications
   Small LCD Panels
   Cell Phones
   Medical Instruments
   Handy-Terminals, PDAs
   Battery-Operated Equipmen




Similar Part No. - MAX828

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
MAX828 ONSEMI-MAX828 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
MAX828 ONSEMI-MAX828 Datasheet
164Kb / 17P
Switched Capacitor Voltage Converter
December, 2005 ??Rev. 4
MAX828 ONSEMI-MAX828 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MAX828EUK ONSEMI-MAX828EUK Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
More results


Similar Description - MAX828

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1719 MAXIM-MAX1719 Datasheet
568Kb / 8P
SOT23, Switched-Capacitor Voltage Inverters with Shutdown
Rev 2; 4/04
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 0; 6/97
logo
Global Mixed-mode Techn...
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Linear Technology
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Unisonic Technologies
UC5301 UTC-UC5301_15 Datasheet
278Kb / 8P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828_V01 Datasheet
177Kb / 8P
Switched-Capacitor Voltage Inverters
1999
MAX870 MAXIM-MAX870_V01 Datasheet
409Kb / 8P
Switched-Capacitor Voltage Inverters
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com