Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8761 Datasheet (PDF) - Maxim Integrated Products

MAX8761 Datasheet PDF - Maxim Integrated Products
Part # MAX8761
Download  MAX8761 Download
File Size   618.17 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Linear-Regulator LCD Panel Power Supplies

MAX8761 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8761 Datasheet PDF - Maxim Integrated Products

Part # MAX8761
Download  MAX8761 Click to download

File Size   618.17 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Linear-Regulator LCD Panel Power Supplies

MAX8761 Datasheet (HTML) - Maxim Integrated Products


MAX8761 Product details

General Description
The MAX8710/MAX8711/MAX8712/MAX8761 offer complete linear-regulator power-supply solutions for thin-film transistor (TFT) liquid-crystal-display (LCD) panels used in LCD monitors and LCD TVs. All four devices include a high-performance AVDD linear regulator, a positive charge-pump regulator, a negative charge-pump regulator, and built-in power-up sequence control. The MAX8710/MAX8711/MAX8761 also include a high-current operational amplifier. Additionally, the MAX8710/ MAX8761 provide logic-controlled high-voltage switches to control the positive charge-pump output.

Features
♦ High-Performance Linear Regulator
   1.6% Output Accuracy
   Works with Small Ceramic Output Capacitors
   Fast Transient Response
   Foldback Current Limit
♦ 50mA Negative Regulated Charge Pump
♦ 20mA Positive Regulated Charge Pump with
   Adjustable Delay
♦ Built-In Power-Up Sequence
♦ High-Current Operational Amplifier
   (MAX8710/MAX8711/MAX8761)
   ±150mA Output Short-Circuit Current
   12V/µs Slew Rate
   12MHz, -3dB Bandwidth
   Rail-to-Rail Inputs/Output
♦ Dual-Mode™ High-Voltage Switches
   (MAX8710/MAX8761)
♦ Thermal Protection
♦ Latched Fault Protection with Timer

Applications
   LCD Monitor Panel Modules
   LCD TV Panel Modules




Similar Part No. - MAX8761

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX876 MAXIM-MAX876 Datasheet
298Kb / 8P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX876 MAXIM-MAX876 Datasheet
384Kb / 12P
Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL MAXIM-MAX8760ETL Datasheet
845Kb / 39P
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL+ MAXIM-MAX8760ETL+ Datasheet
845Kb / 39P
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
More results


Similar Description - MAX8761

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
Low-Cost, Low-Dropout, Dual Linear Regulator
MAX8723 MAXIM-MAX8723 Datasheet
41Kb / 1P
Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays
Rev 0; 3/06
logo
Power-One
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
Linear Power Supplies
MAP30 POWER-ONE-MAP30_06 Datasheet
88Kb / 5P
power supplies combines low cost and universal input
logo
Advanced Monolithic Sys...
AMS500 ADMOS-AMS500_05 Datasheet
70Kb / 8P
LOW COST 500mA REGULATOR
logo
TALEMA Group. LLC
DJ-500 TALEMA-DJ-500 Datasheet
116Kb / 2P
Low Cost Linear Storage Chokes
logo
List of Unclassifed Man...
TS14001 ETC2-TS14001 Datasheet
839Kb / 13P
nanoSmart짰 Ultra-Low-Power Linear Regulator
logo
Intersil Corporation
TW8819 INTERSIL-TW8819 Datasheet
264Kb / 2P
Ultra Low Cost LCD Controller
May 8, 2014
logo
Semtech Corporation
TS14002 SEMTECH-TS14002 Datasheet
578Kb / 13P
Ultra-Low-Power Linear Regulator
logo
Renesas Technology Corp
TW8819 RENESAS-TW8819 Datasheet
155Kb / 2P
Ultra Low Cost LCD Controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com