Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8862 Datasheet (PDF) - Maxim Integrated Products

MAX8862 Datasheet PDF - Maxim Integrated Products
Part # MAX8862
Download  MAX8862 Download
File Size   129.07 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Low-Dropout, Dual Linear Regulator

MAX8862 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8862 Datasheet PDF - Maxim Integrated Products

Part # MAX8862
Download  MAX8862 Click to download

File Size   129.07 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost, Low-Dropout, Dual Linear Regulator

MAX8862 Datasheet (HTML) - Maxim Integrated Products


MAX8862 Product details

General Description
The MAX8862 low-cost, low-dropout, dual linear voltage regulator is ideal for battery-powered and portable applications. The regulators have independent supply inputs and provide 250mA and 100mA, respectively, with a full-load dropout voltage of 160mV. Both regulators use P-channel MOSFET pass transistors and maintain low quiescent current independent of load current. In dropout, the MOSFET does not suffer from excessive base currents, as do saturated PNP transistors.

Features
♦ Low Cost
♦ Guaranteed 250mA and 100mA Output Currents, with Current Limiting
♦ Dual Mode Operation: Fixed or Adjustable Output from +2V to +11V
♦ +2.5V to +11.5V Input Range
♦ 160mV Dropout Voltage at 200mA Output Current
♦ Low Supply Current—Even in Dropout
   200µA Operating
   <1µA Shutdown
♦ Power-Good Indicator
♦ Reverse-Battery Protection
♦ Thermal Overload Protection

Applications
   Cellular Phones
   Cordless Phones
   PCS Phones
   PCMCIA Cards
   Modems
   Hand-Held Instruments
   Electronic Planners




Similar Part No. - MAX8862

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
257Kb / 20P
Wireless and Satellite Handset Power-Management ICs
MAX886 MAXIM-MAX886 Datasheet
114Kb / 8P
Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8860 MAXIM-MAX8860 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA18 MAXIM-MAX8860EUA18 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA25 MAXIM-MAX8860EUA25 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
More results


Similar Description - MAX8862

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
DUAL LOW-DROPOUT LINEAR REGULATOR
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
DUAL LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
LOW-DROPOUT LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
Dual, Low-Dropout Linear Regulator
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
DUAL LOW - DROPOUT LINEAR REGULATOR
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com