Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8860 Datasheet (PDF) - Maxim Integrated Products

MAX8860 Datasheet PDF - Maxim Integrated Products
Part # MAX8860
Download  MAX8860 Download
File Size   137.31 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Dropout, 300mA Linear Regulator in 關MAX

MAX8860 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8860 Datasheet PDF - Maxim Integrated Products

Part # MAX8860
Download  MAX8860 Click to download

File Size   137.31 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Dropout, 300mA Linear Regulator in 關MAX

MAX8860 Datasheet (HTML) - Maxim Integrated Products


MAX8860 Product details

General Description
The MAX8860 low-noise, low-dropout linear regulator operates from a 2.5V to 6.5V input and is guaranteed to deliver 300mA. Typical output noise for this device is 60µVRMS, and typical dropout is 105mV at 200mA. In addition to the six available preset output voltages (1.8V, 2.5V, 2.77V, 2.82V, 3V, and 3.3V), the Dual Mode™ feature allows the device to be configured as an adjustable output regulator from 1.25V to 6.5V.
Designed with an internal P-channel MOSFET pass transistor, the MAX8860 has a low 120µA supply current. An output fault-detection circuit indicates loss of regulation. Other features include a 10nA, logic-controlled shutdown mode, short-circuit and thermal-shutdown protection, and reverse battery protection. The MAX8860 is available in a miniature 8-pin µMAX package.

Features
♦ High Output Current (300mA)
♦ Low Output Voltage Noise: 60µVRMS
♦ Low 105mV Dropout at 200mA Output
♦ Low 120µA No-Load Supply Current
♦ Thermal Overload and Short-Circuit Protection
♦ Reverse Battery Protection
♦ 10nA Logic-Controlled Shutdown
♦ FAULT Indicator
♦ Small, Space-Saving µMAX Package
   (1.1mm max height)
♦ Small 2.2µF Output Capacitor
   Saves Space and Cost

Applications
   Wireless Handsets
   DSP Core Power
   PCMCIA Cards
   Hand-Held Instruments
   Palmtop Computers
   Electronic Planners




Similar Part No. - MAX8860

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
257Kb / 20P
Wireless and Satellite Handset Power-Management ICs
MAX886 MAXIM-MAX886 Datasheet
114Kb / 8P
Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8862 MAXIM-MAX8862 Datasheet
129Kb / 12P
Low-Cost, Low-Dropout, Dual Linear Regulator
MAX8862LESE MAXIM-MAX8862LESE Datasheet
129Kb / 12P
Low-Cost, Low-Dropout, Dual Linear Regulator
MAX8862RESE MAXIM-MAX8862RESE Datasheet
129Kb / 12P
Low-Cost, Low-Dropout, Dual Linear Regulator
More results


Similar Description - MAX8860

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
300mA Low- Dropout Linear Regulator|
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com