Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX886 Datasheet (PDF) - Maxim Integrated Products

MAX886 Datasheet PDF - Maxim Integrated Products
Part # MAX886
Download  MAX886 Download
File Size   257.02 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Wireless and Satellite Handset Power-Management ICs

MAX886 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX886 Datasheet PDF - Maxim Integrated Products

Part # MAX886
Download  MAX886 Click to download

File Size   257.02 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Wireless and Satellite Handset Power-Management ICs

MAX886 Datasheet (HTML) - Maxim Integrated Products


MAX886 Product details

General Description
The MAX886/MAX888/MAX1863 power-management ICs are complete power systems for wireless and satellite handsets. The devices operate from 3- to 6-cell NiCd/NiMH batteries or from 1- or 2-cell lithium-ion (Li+) batteries. They incorporate a high-efficiency, step-down DC-DC converter, a regulated 5V charge pump, and four linear regulators. The regulators supply power to the SIM, LCD, BB, DSP, and RF sections of a cellular telephone handset. The step-down converter and linear regulator outputs are adjustable by internal 4-bit DACs, programmable through the I2C™-compatible serial interface. A pushbutton on/off scheme activates a 5µA low-power shutdown mode. The devices also feature a low-battery detector output and an internal startup timer.

Features
♦ 90% Efficient, 500mA Step-Down Converter
♦ Two 100mA DAC-Controlled LDOs
   One 200mA DAC-Controlled LDO
   One 20mA DAC-Controlled LDO
♦ 3- to 6-Cell NiCd or NiMH Operation
   1- or 2-Cell Li+ Operation
♦ +2.7V to +12V Input Voltage Range
♦ 250µA Standby (PFM) Quiescent Current
♦ 5µA Shutdown Current
♦ I2C-Compatible Serial Interface
♦ Selectable 375kHz, 535kHz, 670kHz, 925kHz
   (or Synchronizable) Switching Frequency
♦ Power-On Reset and Startup Timer
♦ Thermal Overload Protection
♦ Pushbutton On/Off Control
♦ Space-Saving 32-Pin TQFP Package (9mm x 9mm)

Applications
   Satellite Phones
   Private Mobile Radio (PMR)
   Wireless Handsets
   GSM Cellular/PCS Telephones




Similar Part No. - MAX886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
114Kb / 8P
Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8860 MAXIM-MAX8860 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA18 MAXIM-MAX8860EUA18 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA25 MAXIM-MAX8860EUA25 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA27 MAXIM-MAX8860EUA27 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
More results


Similar Description - MAX886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1727 MAXIM-MAX1727 Datasheet
403Kb / 15P
GSM Cellular/PCN Handset RF Power Management IC
Rev 0; 12/00
logo
RICOH electronics devic...
RH5RZ RICOH-RH5RZ Datasheet
25Kb / 1P
POWER MANAGEMENT ICs MARK INFORMATIONS
RH5RL RICOH-RH5RL Datasheet
24Kb / 1P
POWER MANAGEMENT ICs MARK INFORMATIONS
R1172H RICOH-R1172H Datasheet
30Kb / 1P
POWER MANAGEMENT ICs MARK INFORMATIONS
logo
ATMEL Corporation
AT73C214 ATMEL-AT73C214 Datasheet
118Kb / 5P
Power Management and Battery Charger for Wireless Devices
logo
Maxim Integrated Produc...
MAX8939 MAXIM-MAX8939 Datasheet
2Mb / 43P
System Power Management for Mobile Handset Hardware Input Enable
Rev 0; 5/11
MAX8939 MAXIM-MAX8939_11 Datasheet
2Mb / 44P
System Power Management for Mobile Handset
Rev 1; 11/11
MAX8939 MAXIM-MAX8939_12 Datasheet
3Mb / 44P
System Power Management for Mobile Handset
Rev 2; 1/12
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
High Performance Power Management Unit for Handset Applications
LP8765-E TI1-LP8765-E Datasheet
161Kb / 5P
High Performance Power Management Unit for Handset Applications
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com