Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX886 Datasheet (PDF) - Maxim Integrated Products

MAX886 Datasheet PDF - Maxim Integrated Products
Part # MAX886
Download  MAX886 Download
File Size   114.44 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23

MAX886 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX886 Datasheet PDF - Maxim Integrated Products

Part # MAX886
Download  MAX886 Click to download

File Size   114.44 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23

MAX886 Datasheet (HTML) - Maxim Integrated Products


MAX886 Product details

General Description

The MAX8867/MAX8868 low-noise, low-dropout linear regulators operate from a 2.5V to 6.5V input and deliver up to 150mA. Typical output noise for these devices is just 30µVRMS, and typical dropout is only 165mV at 150mA. The output voltage is preset to voltages in the range of 2.5V to 5.0V, in 100mV increments. The MAX8867 and MAX8868 are pin-compatible with the MAX8863 and MAX8864, except for the BP pin.



Features

♦ Low Output Noise: 30µVRMS

♦ Low 55mV Dropout at 50mA Output (165mV at 150mA output)

♦ Low 85µA No-Load Supply Current

♦ Low 100µA Operating Supply Current (Even In Dropout)

♦ Thermal-Overload and Short-Circuit Protection

♦ Reverse Battery Protection

♦ Output Current Limit

♦ Preset Output Voltages (±1.4% Accuracy)

♦ 10nA Logic-Controlled Shutdown




Similar Part No. - MAX886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX886 MAXIM-MAX886 Datasheet
257Kb / 20P
Wireless and Satellite Handset Power-Management ICs
MAX8860 MAXIM-MAX8860 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA18 MAXIM-MAX8860EUA18 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA25 MAXIM-MAX8860EUA25 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
MAX8860EUA27 MAXIM-MAX8860EUA27 Datasheet
137Kb / 8P
Low-Dropout, 300mA Linear Regulator in 關MAX
More results


Similar Description - MAX886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8882 MAXIM-MAX8882 Datasheet
244Kb / 8P
Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887_09 Datasheet
199Kb / 9P
Low-Dropout, 300mA Linear Regulators in SOT23
Rev 4; 7/09
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
150mA Low-Dropout Linear Regulators
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com