Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5760 Datasheet (PDF) - Richtek Technology Corporation

RT5760 Datasheet PDF - Richtek Technology Corporation
Part # RT5760
Download  RT5760 Download
File Size   1520.9 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package

RT5760 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5760 Datasheet PDF - Richtek Technology Corporation

Part # RT5760
Download  RT5760 Click to download

File Size   1520.9 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package

RT5760 Datasheet (HTML) - Richtek Technology Corporation


RT5760 Product details

General Description
The RT5760 is a simple, easy-to-use, 1A synchronous
step-down DC-DC converter with an input supply
voltage range of 2.5V to 6V. The device build-in an
accurate 0.6V reference voltage and integrates low
RDS(ON) power MOSFETs to achieve high efficiency in
a SOT-563 (FC) package.
The RT5760 adopts Advanced Constant On-Time
(ACOTTM) control architecture to provide an ultrafast
transient response with few external components and
to operate in nearly constant switching frequency over
the line, load, and output voltage range. The RT5760A
operates in automatic PSM that maintains high
efficiency during light load operation. The RT5760B
operates in Forced PWM that helps meet tight voltage
regulation accuracy requirements. The RT5760C/D
remove the power good indicator function of the
RT5760A/B for different application.
The RT5760 senses both FETs current for a robust
over-current protection. The device features
cycle-by-cycle current limit protection and prevent the
device from the catastrophic damage in output short
circuit, over current or inductor saturation. A built-in
soft-start function prevents inrush current during
start-up. The device also includes input under-voltage
lockout, output under-voltage protection, and
over-temperature protection (thermal shutdown) to
provide safe and smooth operation in all operating
conditions.

Features
 Input Voltage Range of 2.5V to 6V
 Integrated 120m and 80m FETs
 1A Output Current, up to 95% Efficiency
 100% Duty Cycle for Lowest Dropout
 0.6V, 1% Internal Reference Voltage
 2.2MHz Typical Switching Frequency
 Power Saving Mode for Light Loads (RT5760A/C)
 Low Shutdown Current  1A
 Low Quiescent Current: 25A (Typ.)
 Fast Advanced Constant On-Time (ACOTTM
Control
 Internal Soft Startup (0.6ms)
 Independent Enable Control Input
 Power Good Indicator
 Both FETs Over-Current Protection
 Input Under-Voltage Lockout Protection
 Hiccup-Mode Output Under-Voltage Protection
 Over-Temperature Protection (Thermal Shutdown)
 RoHS Compliant and Halogen Free

Applications
 Mobile Phones and Handheld Devices
 STB, Cable Modem, and xDSL Platforms
 WLAN ASIC Power / Storage (SSD and HDD)
 General Purpose for POL LV Buck Converter




Similar Part No. - RT5760

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5762 RICHTEK-RT5762 Datasheet
1,002Kb / 32P
2A, 1.2MHz, 6V Synchronous Step-Down Converter in SOT-563 (FC) and UDFN-6L 1.4x1 (FC)
November 2023
More results


Similar Description - RT5760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
logo
Central Semiconductor C...
CMLDM3737_5757 CENTRAL-CMLDM3737_5757 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs in miniature SOT-563 package
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
logo
Texas Instruments
TPS564242 TI-TPS564242 Datasheet
1Mb / 31P
TPS56424x 3-V to 16-V Input Voltage, 4-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS565242 TI-TPS565242_V01 Datasheet
1Mb / 31P
TPS56524x 3-V to 16-V Input Voltage, 5-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS566242 TI-TPS566242_V01 Datasheet
1Mb / 31P
TPS56624x 3-V to 16-V Input Voltage, 6-A Synchronous Buck Converter in a SOT-563 Package
APRIL 2022
TPS563252 TI-TPS563252_V01 Datasheet
1Mb / 31P
TPS56325x 3-V to 17-V Input, 3-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
TPS564252 TI-TPS564252_V01 Datasheet
1Mb / 31P
TPS56425x 3-V to 17-V Input, 4-A, Synchronous Buck Converters in SOT-563 Package
MAY 2023
logo
Richtek Technology Corp...
RT5750A RICHTEK-RT5750A Datasheet
1Mb / 27P
6V 1A, ACOT® Buck Converter
May 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com