Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5762 Datasheet (PDF) - Richtek Technology Corporation

RT5762 Datasheet PDF - Richtek Technology Corporation
Part # RT5762
Download  RT5762 Download
File Size   1002.98 Kbytes
Page   32 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 1.2MHz, 6V Synchronous Step-Down Converter in SOT-563 (FC) and UDFN-6L 1.4x1 (FC)

RT5762 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5762 Datasheet PDF - Richtek Technology Corporation

Part # RT5762
Download  RT5762 Click to download

File Size   1002.98 Kbytes
Page   32 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 1.2MHz, 6V Synchronous Step-Down Converter in SOT-563 (FC) and UDFN-6L 1.4x1 (FC)

RT5762 Datasheet (HTML) - Richtek Technology Corporation


RT5762 Product details

General Description
The RT5762 is a simple, easy-to-use, 2A synchronous
step-down DC-DC converter with an input supply voltage
range from 2.5V to 6V. The device builds in an accurate
0.6V reference voltage and integrates low RDS(ON) power
MOSFETs to achieve high efficiency in SOT-563 (FC) and
UDFN-6L 1.4x1 (FC) packages.
The RT5762 adopts Advanced Constant On-Time (ACOT®)
control architecture to provide an ultrafast transient
response with few external components and to operate in
nearly constant switching frequency over the line, load,
and output voltage range. The RT5762A/C/E operates in
automatic PSM that maintains high efficiency during light
load operation. The RT5762B/D/F operates in Forced PWM
that helps to meet tight voltage regulation accuracy
requirements.
The RT5762 senses both FETs current for a robust overcurrent protection. The device features cycle-by-cycle
current limit protection which prevents the device from
the catastrophic damage in output short circuit, over current
or inductor saturation. A built-in soft-start function prevents
inrush current during start-up. The device also includes
input under-voltage lockout, output under-voltage
protection, over-voltage protection (RT5762AL/BL/CL/DL/
EL/FL) and over-temperature protection to provide safe
and smooth operation in all operating conditions

Features
 Input Voltage Range from 2.5V to 6V
 Integrated 100mΩ and 70mΩ FETs
 100% Duty Cycle for Lowest Dropout
 Internal Reference Voltage with 1% Accuracy
 1.2MHz Typical Switching Frequency
 Power Saving Mode for Light Loads (RT5762A/C/E)
 Advanced Constant On-Time (ACOT® ) Control
 Internal Soft Startup (1.5ms)
 Enable Control Input
 Power Good Indicator
 Negative Over-Current Protection (RT5762B/D/F)
 Fully Protection with UVLO, OVP, UVP, Cycle-byCycle Current Limit and OTP
 RoHS Compliant and Halogen Free

Applications
 Mobile Phones and Handheld Devices
 STB, Cable Modem, and xDSL Platforms
 WLAN ASIC Power / Storage (SSD and HDD)
 General Purpose for POL LV Buck Converters




Similar Part No. - RT5762

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5760 RICHTEK-RT5760 Datasheet
1Mb / 23P
6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
RT5760AHGH6F RICHTEK-RT5760AHGH6F Datasheet
1Mb / 23P
6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
RT5760BHGH6F RICHTEK-RT5760BHGH6F Datasheet
1Mb / 23P
6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
RT5760CHGH6F RICHTEK-RT5760CHGH6F Datasheet
1Mb / 23P
6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
RT5760DHGH6F RICHTEK-RT5760DHGH6F Datasheet
1Mb / 23P
6V Input, 1A, ACOTTM Buck Converter in Thin SOT-563 Package
December 2019
More results


Similar Description - RT5762

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
2A, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT5753A RICHTEK-RT5753A Datasheet
972Kb / 28P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
May 2022
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com