Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5771A Datasheet (PDF) - Richtek Technology Corporation

RT5771A Datasheet PDF - Richtek Technology Corporation
Part # RT5771A
Download  RT5771A Download
File Size   176.05 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 1MHz, Synchronous Step-Down Converter

RT5771A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5771A Datasheet PDF - Richtek Technology Corporation

Part # RT5771A
Download  RT5771A Click to download

File Size   176.05 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 3A, 1MHz, Synchronous Step-Down Converter

RT5771A Datasheet (HTML) - Richtek Technology Corporation


RT5771A Product details

General Description
The RT5771A is a high efficiency synchronous, step-down
DC-DC converter. Its input voltage ranges from 2.7V to
5.5V that provides an adjustable regulated output voltage
from 0.6V to VIN while delivering up to 3A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. The switching frequency is
fixed internally at 1MHz. The 100% duty cycle provides
low dropout operation, hence extending battery life in
portable systems. Current mode operation with internal
compensation allows the transient response to be
optimized over a wide range of loads and output capacitors.
The RT5771A is available in a WDFN-10L 3x3 package.

Applications
 Portable Instruments
 Battery Powered Equipment
 Notebook Computers
 Distributed Power Systems
 IP Phones
 Digital Cameras

Features
 High Efficiency : Up to 95%
 Low RDS(ON) Power Switches : 69mΩ/49mΩ
 Current Mode Operation
 Forced-PWM (FPWM) Mode
 Fast Transient Response
 Fixed Frequency : 1MHz
 No Schottky Diode Required
 Internal Compensation
 0.6V Reference Allows Low Output Voltage
 Low Dropout Operation : 100% Duty Cycle
 OCP, UVP, OTP
 OpenVReg Type 0-LV Compliant




Similar Part No. - RT5771A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT5710AHGQW RICHTEK-RT5710AHGQW Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT5713 RICHTEK-RT5713 Datasheet
1Mb / 25P
Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
March 2023
RT5714 RICHTEK-RT5714 Datasheet
1Mb / 25P
Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
March 2023
RT5744 RICHTEK-RT5744 Datasheet
1Mb / 38P
2.4MHz 4A/6A Step-Down Converter with I2C Interface
November 2023
More results


Similar Description - RT5771A

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
3A, 1MHz, Synchronous Step-Down Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
3A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
G5719B GMT-G5719B Datasheet
73Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
1MHz, 3A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com