Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5713 Datasheet (PDF) - Richtek Technology Corporation

RT5713 Datasheet PDF - Richtek Technology Corporation
Part # RT5713
Download  RT5713 Download
File Size   1164.94 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter

RT5713 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5713 Datasheet PDF - Richtek Technology Corporation

Part # RT5713
Download  RT5713 Click to download

File Size   1164.94 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter

RT5713 Datasheet (HTML) - Richtek Technology Corporation


RT5713 Product details

General Description
The RT5713/14 is a high efficiency synchronous stepdown
converter featuring typ. 360nA quiescent current.
It provides high efficiency at light load down to 10mA.
Its input voltage range is from 2.2V to 5.5V. The
RT5713/14 provides 2 level output voltages which can
be programmed via the voltage select pin VSEL while
delivering output current up to 0.5A/1A.
The Hysteretic Constant-On-Time (HCOT) operation
with internal compensation allow the transient response
to be optimized over a wide range of loads and output
capacitors.
The RT5713/14 is a available in WL-CSP-6B
1.415x0.885 (BSC) and WDFN-6L 2x2 package.

Features
⚫ Input Voltage Range : 2.2V to 5.5V
⚫ Support Fixed Output Voltage 0.525V to 4V
⚫ 2 Level Output Voltage Selection by VSEL Pin
⚫ Typ. 360nA Quiescent Current
⚫ PSM Operation
⚫ Internal Compensation
⚫ Output Voltage Discharge
⚫ Over-Current Protection
⚫ Over-Temperature Protection
⚫ Output Current
⚫ RT5713 400mA, Peak to 0.5A
⚫ RT5714 600mA, Peak to 1A
⚫ UVLO Protection
⚫ Online VOUT Dynamically-Voltage-Scaling
⚫ Tiny, 6-Pin, 0.35mm Pitch WL-CSP Package
⚫ Supports < 7mm2 Solution Size

Applications
⚫ Hand-Held Devices
⚫ Portable Information
⚫ Battery Powered Equipment
⚫ Wearable Devices
⚫ Internet of Thing
⚫ Smart Watch




Similar Part No. - RT5713

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT5710AHGQW RICHTEK-RT5710AHGQW Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
More results


Similar Description - RT5713

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9110 BELLING-BL9110 Datasheet
964Kb / 27P
1A Low Dropout, Low Quiescent Current
logo
Monolithic Power System...
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
MP4431 MPS-MP4431 Datasheet
1Mb / 27P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
logo
Maxim Integrated Produc...
MAX38640 MAXIM-MAX38640 Datasheet
924Kb / 15P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
2021
MAX40203 MAXIM-MAX40203 Datasheet
1Mb / 19P
Ultra-Tiny nanoPower, 1A Ideal Diodes with Ultra-Low-Voltage Drop
2021
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
logo
Analog Devices
MAX38640 AD-MAX38640 Datasheet
1Mb / 18P
Tiny 1.8V to 5.5V Input, 330nA IQ, 700mA nanoPower Buck Converter
Rev 10; 1/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com