Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5713 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5713 Datasheet HTML 1Page - Richtek Technology Corporation RT5713 Datasheet HTML 2Page - Richtek Technology Corporation RT5713 Datasheet HTML 3Page - Richtek Technology Corporation RT5713 Datasheet HTML 4Page - Richtek Technology Corporation RT5713 Datasheet HTML 5Page - Richtek Technology Corporation RT5713 Datasheet HTML 6Page - Richtek Technology Corporation RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5713/14-03
March 2023
2
Ordering Information
RT5713/14
Package Type
QW : WDFN-6L 2x2
WSC : WL-CSP-6B 1.415x0.885 (BSC)
Lead Plating System
G : Green
(Halogen Free and Pb Free)
(For WDFN-6L 2x2 Only)
Output Voltage2 Setting (VSEL = 1)
Output Voltage1 Setting (VSEL = 0)
Current Limit
13 : 0.78A
14 : 1.2A
Pin 1 Orientation
(2) : Quadrant 2, Follow EIA-481-D
(Empty means Pin1 orientation is Quadrant 1)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For
marking
information,
contact
our
sales
representative directly or through a Richtek distributor
located in your area.
Pin Configuration
(TOP VIEW)
A2
A3
B3
B1
A1
B2
VIN
LX
EN
VOUT
VSEL
GND
5
4
1
2
3
6
7
WL-CSP-6B 1.415x0.885 (BSC)
WDFN-6L 2x2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com