Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5713 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 7Page - Richtek Technology Corporation RT5713 Datasheet HTML 8Page - Richtek Technology Corporation RT5713 Datasheet HTML 9Page - Richtek Technology Corporation RT5713 Datasheet HTML 10Page - Richtek Technology Corporation RT5713 Datasheet HTML 11Page - Richtek Technology Corporation RT5713 Datasheet HTML 12Page - Richtek Technology Corporation RT5713 Datasheet HTML 13Page - Richtek Technology Corporation RT5713 Datasheet HTML 14Page - Richtek Technology Corporation RT5713 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5713/14-03
March 2023
www.richtek.com
11
VIN = 3.6V, VOUT = 0.58V, IOUT = 0.05A
VIN
(2V/Div)
VLX
(2V/Div)
Time (4
s/Div)
PSM Mode Operation
ILX
(500mV/Div)
VOUT
(20mV/Div)
Time (1
s/Div)
PWM Mode Operation
VIN = 3.6V, VOUT = 0.58V, IOUT = 0.4A
VIN
(2V/Div)
VLX
(2V/Div)
ILX
(500mV/Div)
VOUT
(20mV/Div)
Time (500
s/Div)
Power On with Light Load
VIN = 3.6V, VOUT = 0.58V,
IOUT about = 0.03A (EN enable)
VIN
(5V/Div)
VLX
(5V/Div)
ILX
(500mV/Div)
VOUT
(1V/Div)
Time (500
s/Div)
Power On with Heavy Load
VIN = 3.6V, VOUT = 0.58V,
IOUT about = 0.4A (EN enable)
VIN
(5V/Div)
VLX
(5V/Div)
ILX
(500mV/Div)
VOUT
(1V/Div)
Time (100
s/Div)
Load Transient Response
VOUT
(20mV/Div)
ILOAD
(200mA/Div)
VIN = 3.6V, VOUT = 0.58V,
IOUT = 0.05A to 0.5A to 0.05A,
tR = tF =1s
VOUT
(20mV/Div)
Time (500
s/Div)
Load Transient Response
VIN = 3.6V, VOUT = 0.58V,
IOUT = 0.01A to 0.03A to 0.01A,
tR = tF =1s
ILOAD
(20mA/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com