Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5713 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5713
Description  Tiny, 360nA Low Quiescent Current, 0.5A/1A HCOT nanoPower Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5713 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5713 Datasheet HTML 17Page - Richtek Technology Corporation RT5713 Datasheet HTML 18Page - Richtek Technology Corporation RT5713 Datasheet HTML 19Page - Richtek Technology Corporation RT5713 Datasheet HTML 20Page - Richtek Technology Corporation RT5713 Datasheet HTML 21Page - Richtek Technology Corporation RT5713 Datasheet HTML 22Page - Richtek Technology Corporation RT5713 Datasheet HTML 23Page - Richtek Technology Corporation RT5713 Datasheet HTML 24Page - Richtek Technology Corporation RT5713 Datasheet HTML 25Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RT5713/14
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5713/14-03
March 2023
www.richtek.com
21
Tape and Reel Packing (WL-CSP 1.415x0.885)
Step
Photo/Description
Step
Photo/Description
1
4
Reel 7”
12 inner boxes per outer box
2
5
Packing by Anti-Static Bag
Outer box Carton A
3
6
3 reels per inner box Box A
Container
Package
Reel
Box
Carton
Size
Units
Item
Size(cm)
Reels
Units
Item
Size(cm)
Boxes
Unit
WL-CSP
1.415x0.885
7”
3,000
Box A
18.3*18.3*8.0
3
9,000
Carton A
38.3*27.2*38.3
12
108,000
Box E
18.6*18.6*3.5
1
3,000
For Combined or Partial Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com