Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5796B Datasheet (PDF) - Richtek Technology Corporation

RT5796B Datasheet PDF - Richtek Technology Corporation
Part # RT5796B
Download  RT5796B Download
File Size   1004.88 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter

RT5796B Datasheet (PDF)

Go To PDF Page Download Datasheet
RT5796B Datasheet PDF - Richtek Technology Corporation

Part # RT5796B
Download  RT5796B Click to download

File Size   1004.88 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter

RT5796B Datasheet (HTML) - Richtek Technology Corporation


RT5796B Product details

General Description
The RT5796B is a high efficiency synchronous
step-down DC/DC converter. Its input voltage range is
from 2.5V to 6V and provides an adjustable regulated
output voltage from 0.6V to 3.4V while delivering up to
1.5A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. The Current Mode
Constant-On-time (CMCOT) operation with internal
compensation allows the transient response to be
optimized over a wide range of loads and output
capacitors. The RT5796B is available in the
T/SOT-23-5 and T/SOT-23-6 packages.

Features
 Efficiency Up to 95%
 RDSON 160m HS / 110m LS
 VIN Range 2.5V to 6V
 VREF 0.6V with 2% Accuracy
 CMCOT™ Control Loop Design for Best
Transient Response, Robust Loop Stability with
Low-ESR (MLCC) COUT
 Fixed Soft-Start 1.2ms; PGOOD Function in
T/SOT-23-6
 Cycle-by-Cycle Over Current Protection
 Input Under Voltage Lockout
 Output Under Voltage Protection (UVP Hiccup)
 Thermal Shutdown Protection

Applications
 STB, Cable Modem, & xDSL Platforms
 LCD TV Power Supply & Metering Platforms
 General Purpose Point of Load (POL)




Similar Part No. - RT5796B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
RT5797BHGQW RICHTEK-RT5797BHGQW Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
RT5797BLGQW RICHTEK-RT5797BLGQW Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
More results


Similar Description - RT5796B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2012 MPS-MP2012 Datasheet
328Kb / 10P
Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
MPQ2249 MPS-MPQ2249 Datasheet
342Kb / 14P
Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7121A AITSEMI-A7121A Datasheet
1Mb / 14P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz, 2.0A, 6V SYNCHRONOUS
REV1.4
logo
Richtek Technology Corp...
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
RT8096A RICHTEK-RT8096A Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com