Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8096A Datasheet (PDF) - Richtek Technology Corporation

RT8096A Datasheet PDF - Richtek Technology Corporation
Part # RT8096A
Download  RT8096A Download
File Size   1028.01 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter

RT8096A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8096A Datasheet PDF - Richtek Technology Corporation

Part # RT8096A
Download  RT8096A Click to download

File Size   1028.01 Kbytes
Page   19 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter

RT8096A Datasheet (HTML) - Richtek Technology Corporation


RT8096A Product details

General Description
The RT8096A is a high efficiency synchronous
step-down DC-DC converter. Its input voltage range is
from 2.5V to 6V and provides an adjustable regulated
output voltage from 0.6V to 3.4V while delivering up to
1A of output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an external Schottky diode. The Current Mode
Constant-On-time (CMCOT) operation with internal
compensation allows the transient response to be
optimized over a wide range of loads and output
capacitors. The RT8096A is available in the
T/SOT-23-5 and T/SOT-23-6 packages.

Features
 Efficiency Up to 95%
 RDSON 160m HS / 110m LS
 VIN Range 2.5V to 6V
 VREF 0.6V with 2% Accuracy
 CMCOT™ Control Loop Design for Best
Transient Response, Robust Loop Stability with
Low-ESR (MLCC) COUT
 Fixed Soft-Start 1.2ms; PGOOD Function in
T/SOT-23-6
 Cycle-by-Cycle Over-Current Protection
 Input Under-Voltage Lockout
 Output Under-Voltage Protection (UVP Hiccup)
 Thermal Shutdown Protection
 Power Saving at Light Load

Applications
 STB, Cable Modem, & xDSL Platforms
 LCD TV Power Supply & Metering Platforms
 General Purpose Point of Load (POL)




Similar Part No. - RT8096A

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RT8096CHGJ5-TP TECHPUBLIC-RT8096CHGJ5-TP Datasheet
3Mb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator
More results


Similar Description - RT8096A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com