Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6202A Datasheet (PDF) - Richtek Technology Corporation

RT6202A Datasheet PDF - Richtek Technology Corporation
Part # RT6202A
Download  RT6202A Download
File Size   226.8 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter

RT6202A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6202A Datasheet PDF - Richtek Technology Corporation

Part # RT6202A
Download  RT6202A Click to download

File Size   226.8 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter

RT6202A Datasheet (HTML) - Richtek Technology Corporation


RT6202A Product details

General Description
The RT6202A/B is a synchronous step-down DC/DC
converter with Advanced Constant On-Time (ACOT®) mode
control. It achieves high power density to deliver up to 5A
output current from a 4.5V to 18V input supply. The
proprietary ACOT® mode offers an optimal transient
response over a wide range of loads and all kinds of ceramic
capacitors, which allows the device to adopt very low ESR
output capacitor for ensuring performance stabilization. In
addition, RT6202A/B keeps an excellent constant
switching frequency under line and load variation and the
integrated synchronous power switches with the ACOT®
mode operation provides high efficiency in whole output
current load range. Cycle-by-cycle current limit provides
an accurate protection by a valley detection of low side
MOSFET and external soft-start setting eliminates input
current surge during startup. Protection functions include
thermal shutdown for RT6202A/B.
The RT6202A/B are available in the SOP-8 (Exposed Pad)
package.

Features
 ACOT® Mode Enables Fast Transient Response
 4.5V to 18V Input Voltage Range
 5A Output Current
 35mΩ Internal Low Side N-MOSFET
 Advanced Constant On-Time Control
 Support All Ceramic Capacitors
 Up to 95% Efficiency
 650kHz Switching Frequency at all Load Current
(RT6202B)
 Discontinuous Operating Mode at Light Load
(RT6202A)
 Adjustable Output Voltage from 0.765V to 8V
 Adjustable Soft-Start
 Cycle-by-Cycle Current Limit
 Input Under Voltage Lockout
 Thermal Shutdown
 RoHS Compliant and Halogen Free

Applications
 Industrial and Commercial Low Power Systems
 Computer Peripherals
 LCD Monitors and TVs
 Green Electronics/Appliances
 Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs




Similar Part No. - RT6202A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6200 RICHTEK-RT6200 Datasheet
253Kb / 12P
0.6A, 36V, 1.2MHz Step-Down Converter
August 2015
RT6200GE RICHTEK-RT6200GE Datasheet
784Kb / 9P
RT6200GE Evaluation Board
RT6200GE RICHTEK-RT6200GE Datasheet
253Kb / 12P
0.6A, 36V, 1.2MHz Step-Down Converter
August 2015
logo
Amphenol Corporation
RT62019PN AMPHENOL-RT62019PN Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
RT62019PW AMPHENOL-RT62019PW Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
More results


Similar Description - RT6202A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7235 RICHTEK-RT7235 Datasheet
302Kb / 18P
5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
ACOT Synchronous Step-Down Converter
logo
Diodes Incorporated
AP65552 DIODES-AP65552 Datasheet
1Mb / 13P
5A, 18V, 650kHz ADAPTIVE CCM/COT STEP-DOWN CONVERTER
October 2018
logo
Richtek Technology Corp...
RT6206B RICHTEK-RT6206B Datasheet
264Kb / 15P
5.5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
May 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com