Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203E Datasheet (PDF) - Richtek Technology Corporation

RT6203E Datasheet PDF - Richtek Technology Corporation
Part # RT6203E
Download  RT6203E Download
File Size   438.4 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control

RT6203E Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6203E Datasheet PDF - Richtek Technology Corporation

Part # RT6203E
Download  RT6203E Click to download

File Size   438.4 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control

RT6203E Datasheet (HTML) - Richtek Technology Corporation


RT6203E Product details

General Description
The RT6203E is an adaptive on-time mode synchronous
Buck converter. The main control loop of the RT6203E
uses an adaptive on-time mode control which provides a
very fast transient response with no external components.
The RT6203E operates from 4.5V to 18V VIN input. After
the initial power-up, the output voltage can be changed by
codes sent into the IC via an I2C compatible VID control
bus. There are special codes which can be used to program
current limit level and thermal shutdown level. Shutdown
and startup can be also programmed by special codes.
The device also features an internal soft-start time. Output
voltage is adjustable by VID code setting. VOUT range is
between 0.6V to 1.62V

Features
 VID Control Range Via I2C Compatible Interface
 0.6V to 0.7V in 20mV Steps
 0.7V to 1.2V in 10mV Steps
 1.2V to 1.62V in 20mV Steps
 Adjustable Current Limit
 Adjustable Thermal Shutdown
 Fast Transient Response
 Steady 700kHz Switching Frequency
 Optimized for All Ceramic Capacitors
 Internal Soft-Start
 Input Under-Voltage Lockout
 Thermal Shutdown
RoHS Compliant and Halogen Free




Similar Part No. - RT6203E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6203B RICHTEK-RT6203B Datasheet
427Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203BLGQW RICHTEK-RT6203BLGQW Datasheet
427Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
RT6203FNGSP RICHTEK-RT6203FNGSP Datasheet
439Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
More results


Similar Description - RT6203E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
DS6257A RICHTEK-DS6257A Datasheet
272Kb / 15P
6A, 18V, 500kHz, ACOTTM Step-Down Converter
RT6203B RICHTEK-RT6203B Datasheet
427Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com