Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203F Datasheet (PDF) - Richtek Technology Corporation

RT6203F Datasheet PDF - Richtek Technology Corporation
Part # RT6203F
Download  RT6203F Download
File Size   439.75 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control

RT6203F Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6203F Datasheet PDF - Richtek Technology Corporation

Part # RT6203F
Download  RT6203F Click to download

File Size   439.75 Kbytes
Page   21 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control

RT6203F Datasheet (HTML) - Richtek Technology Corporation


RT6203F Product details

General Description
The RT6203F is an adaptive on-time mode synchronous
Buck converter. The main control loop of the RT6203F
uses an adaptive on-time mode control which provides a
very fast transient response with no external components.
The RT6203F operates from 4.5V to 18V VIN input. After
the initial power-up, the output voltage can be changed by
codes sent into the IC via an I2C compatible VID control
bus. There are special codes which can be used to program
current limit level and thermal shutdown level. Shutdown
and startup can be also programmed by special codes.
The device also features an internal soft-start time. Output
voltage is adjustable by VID code setting. VOUT range is
between 0.6V to 1.62V

Features
 VID Control Range Via I2C Compatible Interface :
 0.6V to 0.7V in 20mV Steps
 0.7V to 1.2V in 10mV Steps
 1.2V to 1.62V in 20mV Steps
 Adjustable Current Limit
 Adjustable Thermal Shutdown
 Fast Transient Response
 Steady 700kHz Switching Frequency
 Optimized for All Ceramic Capacitors
 Internal Soft-Start
 Input Under-Voltage Lockout
 Thermal Shutdown
 RoHS Compliant and Halogen Free

Applications
 Industrial and Commercial Low Power Systems
 Computer Peripherals
 LCD Monitors and TVs
 Green Electronics/Appliances
 Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs




Similar Part No. - RT6203F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6203B RICHTEK-RT6203B Datasheet
427Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203BLGQW RICHTEK-RT6203BLGQW Datasheet
427Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203E RICHTEK-RT6203E Datasheet
438Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
RT6203ENGSP RICHTEK-RT6203ENGSP Datasheet
438Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
More results


Similar Description - RT6203F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
DS6257A RICHTEK-DS6257A Datasheet
272Kb / 15P
6A, 18V, 500kHz, ACOTTM Step-Down Converter
RT6203B RICHTEK-RT6203B Datasheet
427Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203E RICHTEK-RT6203E Datasheet
438Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com