Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53105100 Datasheet (PDF) - Lapp.

53105100 Datasheet PDF - Lapp.
Part # 53105100
Download  53105100 Download
File Size   164.34 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® HYGIENIC / HYGIENIC-R

53105100 Datasheet (PDF)

Go To PDF Page Download Datasheet
53105100 Datasheet PDF - Lapp.

Part # 53105100
Download  53105100 Click to download

File Size   164.34 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® HYGIENIC / HYGIENIC-R

53105100 Datasheet (HTML) - Lapp.


53105100 Product details

Technical features:
Connecting thread M12x1,5 up to M40x1,5 acc. to EN 60423
Protection class IP68 – 10 bar, test acc. to EN 60529
IP69 acc. to EN 60529
NEMA Type Rating Type 1, Type 2, Type 4X, Type 6, Type 12 acc. to UL50E
Strain relief Category A
Design HYGIENIC Standard
HYGIENIC-R with reducing sealing ring
(for smaller cable diameters)
Temperature range -20 °C up to +100 °C




Similar Part No. - 53105100

ManufacturerPart #DatasheetDescription
logo
Lapp.
53105300 LAPP-53105300 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
53105301 LAPP-53105301 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
53105302 LAPP-53105302 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
53105303 LAPP-53105303 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
53105314 LAPP-53105314 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
More results


Similar Description - 53105100

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
logo
Lapp.
53105300 LAPP-53105300 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
53112686 LAPP-53112686 Datasheet
323Kb / 2P
SKINTOP® CLICK / CLICK-R
20.06.2023
53113500 LAPP-53113500 Datasheet
256Kb / 2P
SKINTOP® COLD M / COLD-R M
02.12.2021
53806780 LAPP-53806780 Datasheet
289Kb / 2P
SKINTOP® INOX NPT / INOX-R NPT
02.12.2021
54114100 LAPP-54114100 Datasheet
312Kb / 2P
SKINTOP® HYGIENIC NPT / HYGIENIC-R NPT
02.12.2021
54114300 LAPP-54114300 Datasheet
346Kb / 2P
SKINTOP® HYGIENIC SC NPT
02.12.2021
55510700 LAPP-55510700 Datasheet
97Kb / 2P
SILVYN® HYGIENIC
03.07.2018
logo
Endress+Hauser Group Se...
CLS82E EH-CLS82E Datasheet
578Kb / 16P
Hygienic conductivity sensor Digital with Memosens technology
CPS62E EH-CPS62E Datasheet
527Kb / 12P
ORP sensor for hygienic and sterile applications
2021-08-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com