Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53105301 Datasheet (PDF) - Lapp.

53105301 Datasheet PDF - Lapp.
Part # 53105301
Download  53105301 Download
File Size   349.2 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® HYGIENIC SC

53105301 Datasheet (PDF)

Go To PDF Page Download Datasheet
53105301 Datasheet PDF - Lapp.

Part # 53105301
Download  53105301 Click to download

File Size   349.2 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® HYGIENIC SC

53105301 Datasheet (HTML) - Lapp.


53105301 Product details

Technical features:
Connecting thread M12x1,5 up to M40x1,5 acc. to EN 60423
Protection class IP68 – 10 bar, test acc. to EN 60529
IP69 acc. to EN 60529
NEMA Type Rating NEMA Type 1, Type 2, Type 4X, Type 6, Type 12 acc. to UL50E
Transfer impedance ‹ 0,1 Ohm
Temperature range -20 °C up to +100 °C




Similar Part No. - 53105301

ManufacturerPart #DatasheetDescription
logo
Lapp.
53105100 LAPP-53105100 Datasheet
164Kb / 2P
SKINTOP® HYGIENIC / HYGIENIC-R
15.05.2023
53105110 LAPP-53105110 Datasheet
164Kb / 2P
SKINTOP® HYGIENIC / HYGIENIC-R
15.05.2023
53105120 LAPP-53105120 Datasheet
164Kb / 2P
SKINTOP® HYGIENIC / HYGIENIC-R
15.05.2023
53105130 LAPP-53105130 Datasheet
164Kb / 2P
SKINTOP® HYGIENIC / HYGIENIC-R
15.05.2023
53105140 LAPP-53105140 Datasheet
164Kb / 2P
SKINTOP® HYGIENIC / HYGIENIC-R
15.05.2023
More results


Similar Description - 53105301

ManufacturerPart #DatasheetDescription
logo
Lapp.
53105110 LAPP-53105110 Datasheet
164Kb / 2P
SKINTOP® HYGIENIC / HYGIENIC-R
15.05.2023
53112210 LAPP-53112210 Datasheet
121Kb / 2P
SKINTOP® MS–SC / MS–SC-XL
03.07.2018
53112530 LAPP-53112530 Datasheet
122Kb / 2P
SKINTOP® MS-HF-M SC
18.12.2020
53112910 LAPP-53112910 Datasheet
275Kb / 2P
SKINTOP® MS-SC NPT
02.12.2021
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
53806720 LAPP-53806720 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
53806818 LAPP-53806818 Datasheet
330Kb / 2P
SKINTOP® INOX SC NPT
02.12.2021
54114100 LAPP-54114100 Datasheet
312Kb / 2P
SKINTOP® HYGIENIC NPT / HYGIENIC-R NPT
02.12.2021
54114300 LAPP-54114300 Datasheet
346Kb / 2P
SKINTOP® HYGIENIC SC NPT
02.12.2021
55510700 LAPP-55510700 Datasheet
97Kb / 2P
SILVYN® HYGIENIC
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com