Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53112910 Datasheet (PDF) - Lapp.

53112910 Datasheet PDF - Lapp.
Part # 53112910
Download  53112910 Download
File Size   275.32 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS-SC NPT

53112910 Datasheet (PDF)

Go To PDF Page Download Datasheet
53112910 Datasheet PDF - Lapp.

Part # 53112910
Download  53112910 Click to download

File Size   275.32 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® MS-SC NPT

53112910 Datasheet (HTML) - Lapp.


53112910 Product details

Technical features:
Connecting thread NPT 3/8“up to NPT 1 1/2“” acc. to ANSI/ASME B1.20.1-1983/1993
Protection class / NEMA Type Rating IP68 - 10 bar, test acc. to EN 60529
NEMA Type 1, Type 4X, Type 6 and Type 12
Temperature range Dynamic -25 °C up to +100 °C
Statically -40 °C up to +100 °C




Similar Part No. - 53112910

ManufacturerPart #DatasheetDescription
logo
Lapp.
53112911 LAPP-53112911 Datasheet
219Kb / 2P
SKINTOP® CLICK BS
30.11.2015
53112911 LAPP-53112911 Datasheet
409Kb / 3P
SKINTOP® CLICK BS
27.03.2008
53112912 LAPP-53112912 Datasheet
219Kb / 2P
SKINTOP® CLICK BS
30.11.2015
53112912 LAPP-53112912 Datasheet
409Kb / 3P
SKINTOP® CLICK BS
27.03.2008
More results


Similar Description - 53112910

ManufacturerPart #DatasheetDescription
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
53016610 LAPP-53016610 Datasheet
149Kb / 2P
SKINTOP® BS NPT
23.11.2021
53105300 LAPP-53105300 Datasheet
349Kb / 2P
SKINTOP® HYGIENIC SC
25.11.2021
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53112037 LAPP-53112037 Datasheet
275Kb / 2P
SKINTOP® MS-NPT BRUSH
02.12.2021
53112210 LAPP-53112210 Datasheet
121Kb / 2P
SKINTOP® MS–SC / MS–SC-XL
03.07.2018
53112530 LAPP-53112530 Datasheet
122Kb / 2P
SKINTOP® MS-HF-M SC
18.12.2020
53806720 LAPP-53806720 Datasheet
307Kb / 2P
SKINTOP® INOX SC
02.12.2021
53806818 LAPP-53806818 Datasheet
330Kb / 2P
SKINTOP® INOX SC NPT
02.12.2021
54114300 LAPP-54114300 Datasheet
346Kb / 2P
SKINTOP® HYGIENIC SC NPT
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com