Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53016610 Datasheet (PDF) - Lapp.

53016610 Datasheet PDF - Lapp.
Part # 53016610
Download  53016610 Download
File Size   149.41 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® BS NPT

53016610 Datasheet (PDF)

Go To PDF Page Download Datasheet
53016610 Datasheet PDF - Lapp.

Part # 53016610
Download  53016610 Click to download

File Size   149.41 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® BS NPT

53016610 Datasheet (HTML) - Lapp.


53016610 Product details

Technical features:
Connecting thread NPT 3/8“up to NPT 3/4“acc. to ANSI/ASME B1.20.1-1983.
Functional thread Multi-start trapezoidal thread
Protection class / NEME Type Rating IP68 - 5 bar, test acc. to EN 60529
NEMA Type 1 und Type 12
Strain relief in acc. to DIN 62444
Temperature range -20°C up to +100°C
Colour RAL 7001 silver-grey
RAL 9005 black, UV-resistant




Similar Part No. - 53016610

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
530161B00162G AAVID-530161B00162G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
530162B00162 AAVID-530162B00162 Datasheet
88Kb / 2P
For use with Dual TO-220 packages
2/25/2003
530162B00162G AAVID-530162B00162G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
More results


Similar Description - 53016610

ManufacturerPart #DatasheetDescription
logo
Lapp.
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53019300 LAPP-53019300 Datasheet
83Kb / 1P
SKINTOP® GMP-GL NPT
27.04.2021
53111600 LAPP-53111600 Datasheet
334Kb / 2P
SKINTOP® BS-M / BSR-M
20.06.2023
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53112037 LAPP-53112037 Datasheet
275Kb / 2P
SKINTOP® MS-NPT BRUSH
02.12.2021
53112910 LAPP-53112910 Datasheet
275Kb / 2P
SKINTOP® MS-SC NPT
02.12.2021
53806780 LAPP-53806780 Datasheet
289Kb / 2P
SKINTOP® INOX NPT / INOX-R NPT
02.12.2021
53806818 LAPP-53806818 Datasheet
330Kb / 2P
SKINTOP® INOX SC NPT
02.12.2021
54114100 LAPP-54114100 Datasheet
312Kb / 2P
SKINTOP® HYGIENIC NPT / HYGIENIC-R NPT
02.12.2021
54114300 LAPP-54114300 Datasheet
346Kb / 2P
SKINTOP® HYGIENIC SC NPT
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com