Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53019300 Datasheet (PDF) - Lapp.

53019300 Datasheet PDF - Lapp.
Part # 53019300
Download  53019300 Download
File Size   83.91 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® GMP-GL NPT

53019300 Datasheet (PDF)

Go To PDF Page Download Datasheet
53019300 Datasheet PDF - Lapp.

Part # 53019300
Download  53019300 Click to download

File Size   83.91 Kbytes
Page   1 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® GMP-GL NPT

53019300 Datasheet (HTML) - Lapp.


53019300 Product details

Technical features:
Material Polyamide, glass fibre reinforced
Sizes 3/8” up to 1” NPT
Temperature range Dynamic -20 °C up to +100 °C
Statically -40 °C up to +100 °C
Colour RAL 7001 silver grey
RAL 7035 light grey
RAL 9005 black, UV-resistant




Similar Part No. - 53019300

ManufacturerPart #DatasheetDescription
logo
Lapp.
53019000 LAPP-53019000 Datasheet
123Kb / 2P
SKINTOP® GMP-GL
03.07.2018
53019000 LAPP-53019000 Datasheet
290Kb / 1P
Hexagonal Locknuts for NPT, PG & Metric Strain Relief Cable Glands
53019010 LAPP-53019010 Datasheet
290Kb / 1P
Hexagonal Locknuts for NPT, PG & Metric Strain Relief Cable Glands
53019020 LAPP-53019020 Datasheet
290Kb / 1P
Hexagonal Locknuts for NPT, PG & Metric Strain Relief Cable Glands
53019030 LAPP-53019030 Datasheet
290Kb / 1P
Hexagonal Locknuts for NPT, PG & Metric Strain Relief Cable Glands
More results


Similar Description - 53019300

ManufacturerPart #DatasheetDescription
logo
Lapp.
53016610 LAPP-53016610 Datasheet
149Kb / 2P
SKINTOP® BS NPT
23.11.2021
53019000 LAPP-53019000 Datasheet
123Kb / 2P
SKINTOP® GMP-GL
03.07.2018
53112004 LAPP-53112004 Datasheet
251Kb / 2P
SKINTOP® MS-NPT / MSR-NPT
02.12.2021
53112037 LAPP-53112037 Datasheet
275Kb / 2P
SKINTOP® MS-NPT BRUSH
02.12.2021
53112910 LAPP-53112910 Datasheet
275Kb / 2P
SKINTOP® MS-SC NPT
02.12.2021
53119000 LAPP-53119000 Datasheet
121Kb / 2P
SKINTOP® GMP-GL-M
19.02.2019
53119200 LAPP-53119200 Datasheet
109Kb / 2P
SKINTOP® GMP-HF-M
03.12.2020
53806818 LAPP-53806818 Datasheet
330Kb / 2P
SKINTOP® INOX SC NPT
02.12.2021
54114100 LAPP-54114100 Datasheet
312Kb / 2P
SKINTOP® HYGIENIC NPT / HYGIENIC-R NPT
02.12.2021
54114300 LAPP-54114300 Datasheet
346Kb / 2P
SKINTOP® HYGIENIC SC NPT
02.12.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com