Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53112912 Datasheet (PDF) - Lapp.

53112912 Datasheet PDF - Lapp.
Part # 53112912
Download  53112912 Download
File Size   219.58 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® CLICK BS

53112912 Datasheet (PDF)

Go To PDF Page Download Datasheet
53112912 Datasheet PDF - Lapp.

Part # 53112912
Download  53112912 Click to download

File Size   219.58 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® CLICK BS

53112912 Datasheet (HTML) - Lapp.


53112912 Product details

Technical features:
Nominal sizes Ø 12, Ø 16, Ø 20, Ø 25, Ø 32
Functional thread Multi-start trapezoidal thread
Protection class Sizes Ø 16, Ø 20, Ø 25, Ø 32: IP68 - 5 bar, test acc. to EN 60529 Size Ø 12: IP68 - 4 bar, test acc. to EN 60529
Temperature range -20 °C up to +100 °C
Colour RAL 7001 silver grey
RAL 7035 light grey
RAL 9005 black (UV-resistant in accordance to ISO 4892-2:2006, method A)




Similar Part No. - 53112912

ManufacturerPart #DatasheetDescription
logo
Lapp.
53112912 LAPP-53112912 Datasheet
409Kb / 3P
SKINTOP® CLICK BS
27.03.2008
More results


Similar Description - 53112912

ManufacturerPart #DatasheetDescription
logo
Lapp.
52025235 LAPP-52025235 Datasheet
103Kb / 1P
SKINTOP® SD
03.07.2018
52109013 LAPP-52109013 Datasheet
175Kb / 2P
SKINTOP® CLICK BLK
20.06.2023
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53016610 LAPP-53016610 Datasheet
149Kb / 2P
SKINTOP® BS NPT
23.11.2021
53111600 LAPP-53111600 Datasheet
334Kb / 2P
SKINTOP® BS-M / BSR-M
20.06.2023
53112686 LAPP-53112686 Datasheet
323Kb / 2P
SKINTOP® CLICK / CLICK-R
20.06.2023
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
53800640 LAPP-53800640 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
53806760 LAPP-53806760 Datasheet
132Kb / 2P
SKINTOP® BS-M METAL / BSR-M METAL
10.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com