Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53316230 Datasheet (PDF) - Lapp.

53316230 Datasheet PDF - Lapp.
Part # 53316230
Download  53316230 Download
File Size   152.66 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® DIX-M

53316230 Datasheet (PDF)

Go To PDF Page Download Datasheet
53316230 Datasheet PDF - Lapp.

Part # 53316230
Download  53316230 Click to download

File Size   152.66 Kbytes
Page   3 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® DIX-M

53316230 Datasheet (HTML) - Lapp.


53316230 Product details

Technical features SKINTOP® DIX-M FKM:
Material FKM
Sizes M20, M40
Temperature range -20 °C up to +200 °C
Colour Black
Protection class IP54 acc. to EN 60529
IP68 - 5 bar, acc. to EN 60529
(can be achieved if all the holes are optimally occupied)




Similar Part No. - 53316230

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
5331 KEYSTONE-5331 Datasheet
89Kb / 1P
BATTERY CONTACT, SURFACE MOUNT
7.29.09
5331 KEYSTONE-5331 Datasheet
445Kb / 1P
SURFACE MOUNT BATTERY CLIPS/CONTACTS
31-07 20th
logo
Kitronik Ltd
5331 KITRONIK-5331 Datasheet
299Kb / 3P
Compact Motor Driver Board for the Raspberry Pi Pico
logo
Aavid, Thermal Division...
533101B02551G AAVID-533101B02551G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
533102B02551G AAVID-533102B02551G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
More results


Similar Description - 53316230

ManufacturerPart #DatasheetDescription
logo
Lapp.
53017420 LAPP-53017420 Datasheet
327Kb / 2P
SKINTOP® BT-M
25.11.2021
53100003 LAPP-53100003 Datasheet
75Kb / 1P
SKINTOP® DIX-DV
03.07.2018
53111407 LAPP-53111407 Datasheet
114Kb / 2P
SKINTOP® ST-HF-M
25.09.2019
53111600 LAPP-53111600 Datasheet
334Kb / 2P
SKINTOP® BS-M / BSR-M
20.06.2023
53112570 LAPP-53112570 Datasheet
160Kb / 2P
SKINTOP® MS-HF-M
03.07.2018
53112780 LAPP-53112780 Datasheet
104Kb / 2P
SKINTOP® MS-IS-M
03.07.2018
53119000 LAPP-53119000 Datasheet
121Kb / 2P
SKINTOP® GMP-GL-M
19.02.2019
53119200 LAPP-53119200 Datasheet
109Kb / 2P
SKINTOP® GMP-HF-M
03.12.2020
53611001 LAPP-53611001 Datasheet
119Kb / 2P
SKINTOP® DIX-M AUTOMATION
08.11.2021
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com