Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5001UE Datasheet (PDF) - Belden Inc.

5001UE Datasheet PDF - Belden Inc.
Part # 5001UE
Download  5001UE Download
File Size   168.19 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 12 AWG BC, Riser

5001UE Datasheet (PDF)

Go To PDF Page Download Datasheet
5001UE Datasheet PDF - Belden Inc.

Part # 5001UE
Download  5001UE Click to download

File Size   168.19 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 12 AWG BC, Riser

5001UE Datasheet (HTML) - Belden Inc.


5001UE Product details

Product Description
Security & Commercial Audio Cable, 3 Conductor 12 AWG stranded (19x25) bare copper conductors with polyolefin insulation, Riser, PVC jacket with ripcord.




Similar Part No. - 5001UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5001UH BELDEN-5001UH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 12 AWG, TC, CL3R
11-09-2022
5001UH-0081000 BELDEN-5001UH-0081000 Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 12 AWG, TC, CL3R
11-09-2022
More results


Similar Description - 5001UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6000UE BELDEN-6000UE Datasheet
263Kb / 2P
Security & Sound, 2 Conductor 12 AWG BC, CL2P
5101FE BELDEN-5101FE Datasheet
177Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL3R
12-20-2022
5301UE BELDEN-5301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, CMR
04-28-2023
6101UE BELDEN-6101UE Datasheet
148Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL2P
12-20-2022
6201UE BELDEN-6201UE Datasheet
172Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Plenum
12-20-2022
5201UE BELDEN-5201UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 16 AWG, BC, CMR
04-28-2023
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
5101UE BELDEN-5101UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL3R
04-28-2023
5501UE BELDEN-5501UE Datasheet
170Kb / 2P
Security & Sound, 3 Conductor 22 AWG BC, Riser
12-20-2022
6001UE BELDEN-6001UE Datasheet
168Kb / 2P
Security & Sound, 3 Conductor 12 AWG BC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com