Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6226A Datasheet (PDF) - Richtek Technology Corporation

RT6226A Datasheet PDF - Richtek Technology Corporation
Part # RT6226A
Download  RT6226A Download
File Size   435.27 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO

RT6226A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6226A Datasheet PDF - Richtek Technology Corporation

Part # RT6226A
Download  RT6226A Click to download

File Size   435.27 Kbytes
Page   26 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO

RT6226A Datasheet (HTML) - Richtek Technology Corporation


RT6226A Product details

General Description
The RT6226A/B/C is an advanced constant on-time
(ACOTTM) mode synchronous buck converter. The main
control loop of the RT6226A/B/C using an advanced
constant on-time (ACOTTM) mode control which provides
a very fast transient response. The RT6226A/B operates
from 4.5V to 23V input voltage and the RT6226C operates
from 5.1V to 23V. For the RT6226A, the output voltage
can be programmed between 0.6V to 5.1V.

Applications
 Industrial and Commercial Low Power Systems
 Computer Peripherals
 LCD Monitors and TVs
 Green Electronics/Appliances
 Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs

Features
 4.5V to 23V (RT6226A/B) and 5.1V to 23V (RT6226C)
Input Voltage Range 6A Output Current
 ACOTTM Mode Performs Fast Transient Response
 ACOTTM Architecture to Enable All MLCC Output
Capacitor Usage
 Fixed 750kHz (RT6226C) and 500kHz (RT6226A/B)
Switching Frequency
 High Efficient Internal Power MOSFET Switch-
30mΩ (High-Side) and 15mΩ (Low-Side)
 Adjustable Output Voltage from 0.6V to 5.1V
(RT6226A)
 Fixed 3.3V (RT6226C) LDO Output Supplies 100mA
 Pre-biased Soft-Start
 Cycle-by-Cycle Over-Current Protection
 Input Under-Voltage Lockout
 Thermal Shutdown Protection
 Output Over/Under-Voltage Protection
 Ultrasonic Mode (USM)
 300kHz CLK for External Charge Bump




Similar Part No. - RT6226A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6220AGQUF RICHTEK-RT6220AGQUF Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6220AHGQUF RICHTEK-RT6220AHGQUF Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6220BHGQUF RICHTEK-RT6220BHGQUF Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
RT6220BLGQUF RICHTEK-RT6220BLGQUF Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
More results


Similar Description - RT6226A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
6A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
RT6310 RICHTEK-RT6310 Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
RT6256B RICHTEK-RT6256B Datasheet
411Kb / 24P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6258B RICHTEK-RT6258B Datasheet
402Kb / 24P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com